Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM810 Datasheet(PDF) 5 Page - Microchip Technology

Part # TCM810
Description  3-Pin Microcontroller Reset Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM810 Datasheet(HTML) 5 Page - Microchip Technology

  TCM810 Datasheet HTML 1Page - Microchip Technology TCM810 Datasheet HTML 2Page - Microchip Technology TCM810 Datasheet HTML 3Page - Microchip Technology TCM810 Datasheet HTML 4Page - Microchip Technology TCM810 Datasheet HTML 5Page - Microchip Technology TCM810 Datasheet HTML 6Page - Microchip Technology TCM810 Datasheet HTML 7Page - Microchip Technology TCM810 Datasheet HTML 8Page - Microchip Technology TCM810 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21661E-page 5
TCM809/TCM810
4.0
APPLICATIONS INFORMATION
4.1
VDD Transient Rejection
The TCM809/TCM810 provides accurate VDD monitor-
ing and reset timing during power-up, power-down and
brown-out/sag conditions. These devices also reject
negative-going transients (glitches) on the power
supply line. Figure 4-1 shows the maximum transient
duration vs. maximum negative excursion (overdrive)
for glitch rejection. Any combination of duration and
overdrive that lies under the curve will not generate a
reset signal.
FIGURE 4-1:
Maximum Transient
Duration vs. Overdrive for Glitch Rejection at
+25°C.
Combinations above the curve are detected as a
brown-out
or
power-down
condition.
Transient
immunity can be improved by adding a capacitor in
close proximity to the VDD pin of the TCM809/TCM810.
4.2
RESET Signal Integrity During
Power-Down
The TCM809 RESET output is valid to VDD = 1.0V.
Below this voltage the output becomes an "open cir-
cuit" and does not sink current. This means CMOS
logic inputs to the microcontroller will be floating at an
undetermined voltage. Most digital systems are
completely shut down well above this voltage.
However, in situations where RESET must be main-
tained valid to VDD = 0V, a pull-down resistor must be
connected from RESET to ground to discharge stray
capacitances and hold the output low (Figure 4-2). This
resistor value, though not critical, should be chosen
such that it does not appreciably load RESET under
normal operation (100 k
 will be suitable for most
applications). Similarly, a pull-up resistor to VDD is
required for the TCM810 to ensure a valid high RESET
for VDD below 1.0V.
FIGURE 4-2:
The addition of R1 at the
RESET output of the TCM809 ensures that the
RESET output is valid to VDD = 0V.
Reset Comparator Overdrive
[V
TH – VDD] (mv)
400
240
160
320
80
0
1
5
100
1000
T
A = +25°C
V
TH
Duration
Overdrive
V
DD
TCM8XXL/M/J (SOT-23)
TCM8XXZ/R/S/T
(SOT-23)
[V
TH – VDD] (mv)
30
40
50
60
70
80
90
100
110
120
130
1
10
100
1000
Reset Comparator Overdrive (mV)
TCM8XXL/M/J (SC-70)
TCM8XXZ/R/S/T (SC-70)
TCM809
V
DD
V
DD
R1
100 k
RESET
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com