Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM810 Datasheet(PDF) 1 Page - Microchip Technology

Part # TCM810
Description  3-Pin Microcontroller Reset Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM810 Datasheet(HTML) 1 Page - Microchip Technology

  TCM810 Datasheet HTML 1Page - Microchip Technology TCM810 Datasheet HTML 2Page - Microchip Technology TCM810 Datasheet HTML 3Page - Microchip Technology TCM810 Datasheet HTML 4Page - Microchip Technology TCM810 Datasheet HTML 5Page - Microchip Technology TCM810 Datasheet HTML 6Page - Microchip Technology TCM810 Datasheet HTML 7Page - Microchip Technology TCM810 Datasheet HTML 8Page - Microchip Technology TCM810 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21661E-page 1
TCM809/TCM810
Features
• Precision VDD Monitor for 2.5V, 3.0V, 3.3V, 5.0V
Nominal System Voltage Supplies
• 140 msec Minimum RESET Time-Out Period
• RESET Output to VDD = 1.0V (TCM809)
• Low Supply Current, 9 µA (typ.)
•VDD Transient Immunity
• Small 3-Pin SC-70 and SOT-23B Packages
• No External Components
• Push-Pull RESET Output
• Temperature Ranges:
- Industrial: SC-70 (E): -40
C to +85C
- Extended: SOT-23, SC-70 (V): -40
C to +125C
Applications
• Computers
• Embedded Systems
• Battery-powered Equipment
• Critical Microcontroller Power Supply Monitoring
• Automotive
Typical Application Circuit
General Description
The TCM809 and TCM810 are cost-effective system
supervisor circuits designed to monitor VDD in digital
systems; providing a reset signal to the host processor,
when
necessary.
No
external
components
are
required.
The RESET output is typically driven active within
65 µsec of VDD falling through the reset voltage thresh-
old. RESET is maintained active for a minimum of
140 msec after VDD rises above the reset threshold.
The TCM810 has an active-high RESET output, while
the TCM809 has an active-low RESET output. The
output of the TCM809/TCM810 is valid down to
VDD = 1V. Both devices are available in 3-Pin SC-70
and SOT-23B packages.
The TCM809/TCM810 are optimized to reject fast
transient glitches on the VDD line. A low supply current
of 9 µA (typ., VDD = 3.3V) make these devices suitable
for battery-powered applications.
Pin Configurations
1
TCM809
V
DD
V
DD
V
DD
RESET
RESET
INPUT
(Active-Low)
GND
GND
PIC®
Microcontroller
3
2
SOT-23B/SC-70
Note: 3-Pin SOT-23B is equivalent to
V
DD
TCM809 RESET
GND 1
2
TCM810 (RESET)
3
JEDEC TO-236.
3-Pin Microcontroller Reset Monitors


Similar Part No. - TCM810

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCM810 TELCOM-TCM810 Datasheet
60Kb / 4P
3-PIN UP RESET MONITORS
logo
Microchip Technology
TCM810 MICROCHIP-TCM810 Datasheet
141Kb / 14P
3-Pin Microcontroller Reset Monitors
2004
TCM810 MICROCHIP-TCM810 Datasheet
218Kb / 16P
3-Pin Microcontroller Reset Monitors
2005
TCM810JEB713 MICROCHIP-TCM810JEB713 Datasheet
218Kb / 16P
3-Pin Microcontroller Reset Monitors
2005
TCM810JELB713 MICROCHIP-TCM810JELB713 Datasheet
141Kb / 14P
3-Pin Microcontroller Reset Monitors
2004
More results

Similar Description - TCM810

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
3-PIN UP RESET MONITORS
logo
Microchip Technology
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
3-Pin Reset Monitors for 5V Systems
2002
TCM811 MICROCHIP-TCM811 Datasheet
258Kb / 14P
4-Pin Microcontroller Reset Monitors
2002
TC1274 MICROCHIP-TC1274 Datasheet
224Kb / 12P
3-Pin Reset Monitors for 5V Systems
2003
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
3-Pin Microcontroller Reset Monitors
2004
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
3-Pin Reset Monitors for 5V Systems
2007
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
3-Pin Microcontroller Reset Monitors
2005
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
3-PIN MICROPROCESSOR RESET MONITORS
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
3 PIN MICROPROCESSOR RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com