Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S22 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6S22
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S22 Datasheet(HTML) 4 Page - Microchip Technology

  MCP6S22 Datasheet HTML 1Page - Microchip Technology MCP6S22 Datasheet HTML 2Page - Microchip Technology MCP6S22 Datasheet HTML 3Page - Microchip Technology MCP6S22 Datasheet HTML 4Page - Microchip Technology MCP6S22 Datasheet HTML 5Page - Microchip Technology MCP6S22 Datasheet HTML 6Page - Microchip Technology MCP6S22 Datasheet HTML 7Page - Microchip Technology MCP6S22 Datasheet HTML 8Page - Microchip Technology MCP6S22 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
MCP6S21/2/6/8
DS21117B-page 4
 2003-2012 Microchip Technology Inc.
DIGITAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VREF = VSS, G = +1 V/V,
Input = CH0 = (0.3V)/G, CH1 to CH7 = 0.3V, RL =10kto VDD/2, CL = 60 pF, SI and SCK are tied low, and CS is tied high.
Parameters
Sym
Min
Typ
Max
Units
Conditions
SPI Inputs (CS, SI, SCK)
Logic Threshold, Low
VIL
0
—
0.3VDD
V
Input Leakage Current
IIL
-1.0
—
+1.0
µA
Logic Threshold, High
VIH
0.7VDD
—VDD
V
Amplifier Output Leakage Current
—
-1.0
—
+1.0
µA
In Shutdown mode
SPI Output (SO, for MCP6S26 and MCP6S28)
Logic Threshold, Low
VOL
VSS
—VSS+0.4
V
IOL = 2.1 mA, VDD = 5V
Logic Threshold, High
VOH
VDD-0.5
—
VDD
VIOH = -400 µA
SPI Timing
Pin Capacitance
CPIN
—
10
—
pF
All digital I/O pins
Input Rise/Fall Times (CS, SI, SCK)
tRFI
——
2
µs
Note 1
Output Rise/Fall Times (SO)
tRFO
—
5
—
ns
MCP6S26 and MCP6S28
CS high time
tCSH
40
—
—
ns
SCK edge to CS fall setup time
tCS0
10
—
—
ns
SCK edge when CS is high
CS fall to first SCK edge setup time
tCSSC
40
—
—
ns
SCK Frequency
fSCK
——
10
MHz
VDD = 5V (Note 2)
SCK high time
tHI
40
—
—
ns
SCK low time
tLO
40
—
—
ns
SCK last edge to CS rise setup time
tSCCS
30
—
—
ns
CS rise to SCK edge setup time
tCS1
100
—
—
ns
SCK edge when CS is high
SI set-up time
tSU
40
—
—
ns
SI hold time
tHD
10
—
—
ns
SCK to SO valid propagation delay
tDO
—
—
80
ns
MCP6S26 and MCP6S28
CS rise to SO forced to zero
tSOZ
—
—
80
ns
MCP6S26 and MCP6S28
Channel and Gain Select Timing
Channel Select Time
tCH
—
1.5
—
µs
CHx = 0.6V, CHy =0.3V, G = 1,
CHx to CHy select
CS = 0.7VDD to VOUT 90% point
Gain Select Time
tG
—
1
—
µs
CHx = 0.3V, G = 5 to G = 1 select,
CS = 0.7VDD to VOUT 90% point
Shutdown Mode Timing
Out of Shutdown mode (CS goes
high) to Amplifier Output Turn-on
Time
tON
—3.5
10
µs
CS = 0.7VDD to VOUT 90% point
Into Shutdown mode (CS goes high)
to Amplifier Output High-Z Turn-off
Time
tOFF
—1.5
—
µs
CS = 0.7VDD to VOUT 90% point
POR Timing
Power-On Reset power-up time
tRPU
—30
—
µs
VDD = VPOR - 0.1V to VPOR + 0.1V,
50% VDD to 90% VOUT point
Power-On Reset power-down time
tRPD
—10
—
µs
VDD = VPOR + 0.1V to VPOR - 0.1V,
50% VDD to 90% VOUT point
Note
1: Not tested in production. Set by design and characterization.
2: When using the device in the daisy chain configuration, maximum clock frequency is determined by a combination of
propagation delay time (tDO  80 ns), data input setup time (tSU  40 ns), SCK high time (tHI  40 ns), and SCK rise and
fall times of 5 ns. Maximum fSCK is, therefore,  5.8 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com