Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S22 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6S22
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S22 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6S22 Datasheet HTML 1Page - Microchip Technology MCP6S22 Datasheet HTML 2Page - Microchip Technology MCP6S22 Datasheet HTML 3Page - Microchip Technology MCP6S22 Datasheet HTML 4Page - Microchip Technology MCP6S22 Datasheet HTML 5Page - Microchip Technology MCP6S22 Datasheet HTML 6Page - Microchip Technology MCP6S22 Datasheet HTML 7Page - Microchip Technology MCP6S22 Datasheet HTML 8Page - Microchip Technology MCP6S22 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
 2003-2012 Microchip Technology Inc.
DS21117B-page 1
MCP6S21/2/6/8
Features
• Multiplexed Inputs: 1, 2, 6 or 8 channels
• 8 Gain Selections:
- +1, +2, +4, +5, +8, +10, +16 or +32 V/V
• Serial Peripheral Interface (SPI)
• Rail-to-Rail Input and Output
• Low Gain Error: ±1% (max)
• Low Offset: ±275 µV (max)
• High Bandwidth: 2 to 12 MHz (typ)
• Low Noise: 10 nV/
Hz @ 10 kHz (typ)
• Low Supply Current: 1.0 mA (typ)
• Single Supply: 2.5V to 5.5V
Typical Applications
• A/D Converter Driver
• Multiplexed Analog Applications
• Data Acquisition
• Industrial Instrumentation
• Test Equipment
• Medical Instrumentation
Package Types
Description
The Microchip Technology Inc. MCP6S21/2/6/8 are
analog Programmable Gain Amplifiers (PGA). They
can be configured for gains from +1 V/V to +32 V/V and
the input multiplexer can select one of up to eight chan-
nels through an SPI port. The serial interface can also
put the PGA into shutdown to conserve power. These
PGAs are optimized for high speed, low offset voltage
and single-supply operation with rail-to-rail input and
output capability. These specifications support single
supply applications needing flexible performance or
multiple inputs.
The one channel MCP6S21 and the two channel
MCP6S22 are available in 8-pin PDIP, SOIC and
MSOP packages. The six channel MCP6S26 is avail-
able in 14-pin PDIP, SOIC and TSSOP packages. The
eight channel MCP6S28 is available in 16-pin PDIP
and SOIC packages. All parts are fully specified from
-40°C to +85°C.
Block Diagram
VREF
CH0
VSS
SI
SCK
1
2
3
4
8
7
6
5
VDD
CS
VOUT
CH1
CH0
CH2
CS
SI
1
2
3
4
14
13
12
11
VREF
VSS
VOUT
5
6
7
10
9
8
CH3
SCK
VDD
CH5
CH4
CH0
VOUT
CH1
VSS
CS
1
2
3
4
16
15
14
13 SI
SCK
5
6
7
12
11
10
CH2
CH4
CH7
VDD
CH5
8
9
SO
CH6
CH3
SO
CH1
CH0
VSS
SI
SCK
1
2
3
4
8
7
6
5
VDD
CS
VOUT
MCP6S21
PDIP, SOIC, MSOP
MCP6S26
PDIP, SOIC, TSSOP
MCP6S28
PDIP, SOIC
MCP6S22
PDIP, SOIC, MSOP
VREF
VOUT
VREF
VDD
CS
SI
SO
SCK
CH1
CH0
CH3
CH2
CH5
CH4
CH7
CH6
VSS
8
RF
RG
MUX
SPI™
Logic
POR
Gain
Switches
+
-
Single-Ended, Rail-to-Rail I/O, Low Gain PGA


Similar Part No. - MCP6S22

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6S22 MICROCHIP-MCP6S22 Datasheet
880Kb / 43P
Single-Ended, Rail-to-Rail I/O, Low Gain PGA
2003
More results

Similar Description - MCP6S22

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4174 FAIRCHILD-FAN4174 Datasheet
511Kb / 14P
Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
Microchip Technology
MCP6S21 MICROCHIP-MCP6S21 Datasheet
880Kb / 43P
Single-Ended, Rail-to-Rail I/O, Low Gain PGA
2003
MCP6S91 MICROCHIP-MCP6S91 Datasheet
528Kb / 40P
Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
2004
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
Rail-to-Rail I/O
logo
Microchip Technology
MCP6S92E-SN MICROCHIP-MCP6S92E-SN Datasheet
722Kb / 40P
Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
2004
MCP6S26-ISL MICROCHIP-MCP6S26-ISL Datasheet
761Kb / 42P
Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
MCP6S28-ISL MICROCHIP-MCP6S28-ISL Datasheet
761Kb / 42P
Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
MCP6S93-E MICROCHIP-MCP6S93-E Datasheet
526Kb / 40P
Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
09/27/04
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
Single Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com