Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1541 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1541
Description  2.5V and 4.096V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1541 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1541 Datasheet HTML 5Page - Microchip Technology MCP1541 Datasheet HTML 6Page - Microchip Technology MCP1541 Datasheet HTML 7Page - Microchip Technology MCP1541 Datasheet HTML 8Page - Microchip Technology MCP1541 Datasheet HTML 9Page - Microchip Technology MCP1541 Datasheet HTML 10Page - Microchip Technology MCP1541 Datasheet HTML 11Page - Microchip Technology MCP1541 Datasheet HTML 12Page - Microchip Technology MCP1541 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21653C-page 9
MCP1525/41
4.0
APPLICATIONS INFORMATION
4.1
Application Tips
4.1.1
BASIC CIRCUIT CONFIGURATION
The MCP1525 and MCP1541 voltage reference
devices should be applied as shown in Figure 4-1 in all
applications.
FIGURE 4-1:
Basic Circuit Configuration.
As shown in Figure 4-1, the input voltage is connected
to the device at the VIN input, with an optional 0.1 µF
ceramic capacitor. This capacitor would be required if
the input voltage has excess noise. A 0.1 µF capacitor
would reject input voltage noise at approximately
1 to 2 MHz. Noise below this frequency will be amply
rejected by the input voltage rejection of the voltage ref-
erence. Noise at frequencies above 2 MHz will be
beyond the bandwidth of the voltage reference and,
consequently, not transmitted from the input pin
through the device to the output.
The load capacitance (C
L)
is required in order to
stabilize the voltage reference; see Section 4.1.3
“Load Capacitor”.
4.1.2
INPUT (BYPASS) CAPACITOR
The MCP1525 and MCP1541 voltage references do
not require an input capacitor across VIN to VSS.
However, for added stability and input voltage transient
noise
reduction,
a
0.1 µF
ceramic
capacitor
is
recommended, as shown in Figure 4-1. This capacitor
should be close to the device (within 5 mm of the pin).
4.1.3
LOAD CAPACITOR
The output capacitor from VOUT to VSS acts as a
frequency compensation for the references and cannot
be omitted. Use load capacitors between 1 µF and
10 µF to compensate these devices. A 10 µF output
capacitor has slightly better noise, and provides
additional charge for fast load transients, when
compared to a 1 µF output capacitor. This capacitor
should be close to the device (within 5 mm of the pin).
4.1.4
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
Mechanical stress due to Printed Circuit Board (PCB)
mounting can cause the output voltage to shift from its
initial value. Devices in the SOT-23-3 package are
generally more prone to assembly stress than devices
in the TO-92 package. To reduce stress-related output
voltage shifts, mount the reference on low-stress areas
of the PCB (i.e., away from PCB edges, screw holes
and large components).
4.1.5
OUTPUT FILTERING
If the noise at the output of these voltage references is
too high for the particular application, it can be easily
filtered with an external RC filter and op amp buffer.
The op amp’s input and output voltage ranges need to
include the reference output voltage.
FIGURE 4-2:
Output Noise-Reducing
Filter.
The RC filter values are selected for a desired cutoff
frequency:
EQUATION 4-1:
The values that are shown in Figure 4-2 (10 k
 and
1 µF) will create a first-order, low-pass filter at the
output of the amplifier. The cutoff frequency of this filter
is 15.9 Hz, and the attenuation slope is 20 dB/decade.
The MCP6021 amplifier isolates the loading of this low-
pass filter from the remainder of the application circuit.
This amplifier also provides additional drive, with a
faster response time than the voltage reference.
VSS
VOUT
VIN
VREF
VDD
MCP1525
MCP1541
CL
1 µF to 10 µF
CIN
0.1 µF
(optional)
VSS
VOUT
VIN
CL
RFIL
MCP1525
MCP1541
10 µF
10 kW
CFIL
1µF
VDD
VREF
MCP6021
VDD
f
C
1
2
R
FILCFIL
------------------------------
=
21653C.book Page 9 Thursday, January 10, 2013 12:55 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com