Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1541 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1541
Description  2.5V and 4.096V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1541 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1541 Datasheet HTML 1Page - Microchip Technology MCP1541 Datasheet HTML 2Page - Microchip Technology MCP1541 Datasheet HTML 3Page - Microchip Technology MCP1541 Datasheet HTML 4Page - Microchip Technology MCP1541 Datasheet HTML 5Page - Microchip Technology MCP1541 Datasheet HTML 6Page - Microchip Technology MCP1541 Datasheet HTML 7Page - Microchip Technology MCP1541 Datasheet HTML 8Page - Microchip Technology MCP1541 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21653C-page 1
MCP1525/41
Features
• Precision Voltage Reference
• Output Voltages: 2.5V and 4.096V
• Initial Accuracy: ±1% (max.)
• Temperature Drift: ±50 ppm/°C (max.)
• Output Current Drive: ±2 mA
• Maximum Input Current: 100 µA @ +25°C (max.)
• Packages: TO-92 and SOT-23-3
• Industrial Temperature Range: -40°C to +85°C
Applications
• Battery-powered Systems
• Handheld Instruments
• Instrumentation and Process Control
• Test Equipment
• Data Acquisition Systems
• Communications Equipment
• Medical Equipment
• Precision Power supplies
• 8-bit, 10-bit, 12-bit A/D Converters (ADCs)
• D/A Converters (DACs)
Typical Application Circuit
Description
The Microchip Technology Inc. MCP1525/41 devices
are 2.5V and 4.096V precision voltage references that
use a combination of an advanced CMOS circuit
design and EPROM trimming to provide an initial
tolerance of ±1% (max.) and temperature stability of
±50 ppm/°C (max.). In addition to a low quiescent
current of 100 µA (max.) at 25°C, these devices offer a
clear advantage over the traditional Zener techniques
in terms of stability across time and temperature. The
output voltage is 2.5V for the MCP1525 and 4.096V for
the MCP1541. These devices are offered in SOT-23-3
and TO-92 packages, and are specified over the
industrial temperature range of -40°C to +85°C.
Temperature Drift
Package Types
Basic Configuration
VSS
VOUT
VIN
VREF
VDD
MCP1525
MCP1541
CL
1 µF to 10 µF
CIN
0.1 µF
(optional)
2.475
2.480
2.485
2.490
2.495
2.500
2.505
2.510
2.515
2.520
2.525
-50
-25
0
255075
100
Ambient Temperature (°C)
4.040
4.050
4.060
4.070
4.080
4.090
4.100
4.110
4.120
4.130
4.140
MCP1525
MCP1541
VSS
VOUT
VIN
VSS
VIN
VOUT
MCP1525
MCP1541
TO-92
MCP1525
MCP1541
SOT-23-3
3
1
2
3
1 2
2.5V and 4.096V Voltage References
21653C.book Page 1 Thursday, January 10, 2013 12:55 PM


Similar Part No. - MCP1541

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1541 MICROCHIP-MCP1541 Datasheet
395Kb / 18P
2.5V AND 4.096V VOLTAGE REFERENCES
2001
MCP1541 MICROCHIP-MCP1541 Datasheet
336Kb / 20P
2.5V and 4.096V Voltage References
2005
MCP1541 MICROCHIP-MCP1541 Datasheet
285Kb / 20P
2.5V and 4.096V Voltage References
10/20/04
MCP1541-I MICROCHIP-MCP1541-I Datasheet
487Kb / 20P
2.5V and 4.096V Voltage References
11/29/12
MCP1541-ITO MICROCHIP-MCP1541-ITO Datasheet
285Kb / 20P
2.5V and 4.096V Voltage References
10/20/04
More results

Similar Description - MCP1541

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225 Datasheet
181Kb / 12P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Rev 3; 5/98
MAX6325 MAXIM-MAX6325 Datasheet
186Kb / 12P
1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
logo
Microchip Technology
MCP1525 MICROCHIP-MCP1525 Datasheet
395Kb / 18P
2.5V AND 4.096V VOLTAGE REFERENCES
2001
MCP1525 MICROCHIP-MCP1525_05 Datasheet
336Kb / 20P
2.5V and 4.096V Voltage References
2005
logo
STMicroelectronics
LM236 STMICROELECTRONICS-LM236_07 Datasheet
426Kb / 15P
2.5V voltage references
29-May-2007
logo
Microchip Technology
MCP1525T-I MICROCHIP-MCP1525T-I Datasheet
261Kb / 21P
2.5V and 4.096V Voltage References
2005
MCP1541-I MICROCHIP-MCP1541-I Datasheet
487Kb / 20P
2.5V and 4.096V Voltage References
11/29/12
MCP1541T-I MICROCHIP-MCP1541T-I Datasheet
285Kb / 20P
2.5V and 4.096V Voltage References
10/20/04
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
MAX6325 MAXIM-MAX6325_V01 Datasheet
549Kb / 11P
1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com