Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDBFS204 Datasheet(PDF) 11 Page - Cooper Bussmann, Inc.

Part # PDBFS204
Description  Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PDBFS204 Datasheet(HTML) 11 Page - Cooper Bussmann, Inc.

Back Button PDBFS204 Datasheet HTML 7Page - Cooper Bussmann, Inc. PDBFS204 Datasheet HTML 8Page - Cooper Bussmann, Inc. PDBFS204 Datasheet HTML 9Page - Cooper Bussmann, Inc. PDBFS204 Datasheet HTML 10Page - Cooper Bussmann, Inc. PDBFS204 Datasheet HTML 11Page - Cooper Bussmann, Inc. PDBFS204 Datasheet HTML 12Page - Cooper Bussmann, Inc. PDBFS204 Datasheet HTML 13Page - Cooper Bussmann, Inc. PDBFS204 Datasheet HTML 14Page - Cooper Bussmann, Inc. PDBFS204 Datasheet HTML 15Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Optional covers
Covers are ordered for each individual pole, i.e. three
1-pole covers for 3-pole block, see table A.
Except PDB321 blocks have one cover for 1, 2 or 3 pole
versions, see table B. (Shipped with mounting screws)
Table A
Table B
Block
Cover
Block
Cover
PDB2XX-(pole):
CPB162-1
PDB321-1
CPDB-1
PDB3XX-(pole):
CPDB-1
PDB321-2
CPDB-2
PDB321-3
CPDB-3
Supplied with (4) #4 thread-cutting
screws assembled as shown
Textured surface for marking
CPDB-1 (single pole)
2.10"
CPDB-2 (two pole)
3.72"
CPDB-3 (three pole)
5.34"
4.14"
Part No.
Minimum Enclosure
Size
PDB204-1, -3
16˝ X 16˝ X 6.75˝
PDB220-1, -3
16˝ X 16˝ X 6.75˝
PDB280-1, -3
16˝ X 16˝ X 6.75˝
PDB321-1, -2, -3
24˝ X 20˝ X 6.75˝
PDB323-1, -3
24˝ X 20˝ X 6.75˝
PDB370-1, -3
24˝ X 20˝ X 6.75˝
PDB371-1, -3
24˝ X 20˝ X 6.75˝
Series 163 Cover
Series 162 Cover
Flat Cover
Part Number
˝A˝ Dimension
CPB162-1
0.94˝
CPB162-2
1.75˝
CPB162-3
2.56˝
Series PDB Power Distribution Blocks
1011
SB-BU09622
Page 11 of 23
Data Sheet 1049



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com