Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDBFS204 Datasheet(PDF) 15 Page - Cooper Bussmann, Inc.

Part # PDBFS204
Description  Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PDBFS204 Datasheet(HTML) 15 Page - Cooper Bussmann, Inc.

Back Button PDBFS204 Datasheet HTML 11Page - Cooper Bussmann, Inc. PDBFS204 Datasheet HTML 12Page - Cooper Bussmann, Inc. PDBFS204 Datasheet HTML 13Page - Cooper Bussmann, Inc. PDBFS204 Datasheet HTML 14Page - Cooper Bussmann, Inc. PDBFS204 Datasheet HTML 15Page - Cooper Bussmann, Inc. PDBFS204 Datasheet HTML 16Page - Cooper Bussmann, Inc. PDBFS204 Datasheet HTML 17Page - Cooper Bussmann, Inc. PDBFS204 Datasheet HTML 18Page - Cooper Bussmann, Inc. PDBFS204 Datasheet HTML 19Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Series 163
(Available 1, 2, and 3 pole)
Supplied with (4) #4 thread-cutting
screws assembled as shown
Textured surface for marking
CPDB-1 (single pole)
2.10"
CPDB-2 (two pole)
3.72"
CPDB-3 (three pole)
5.34"
4.14"
Series 162
(Available 1, 2, and 3 pole)
Dimensions for Series 162 & 163 (Inches)
Width
Length
Height
Part No.
A1
A2
A3
B
C
D
E
F
G
H
J
K
L
162
1.06
1.88
2.60
2.85
1.75
0.81
2.25
0.53
0.31
0.84
0.31
0.20
0.42
163
1.96
3.58
5.20
4.0
3.32
1.62
3.37
—
—
—
—
Slot 0.20˝ wide x 0.41˝ long
Slot 0.42˝ wide x 0.62˝ long
F
D
D
A
B E
G
K Dia.
L C'Bore
LOAD
SIDE
LINE
SIDE
C
HJ
F
Side
C
Optional covers
Block
Cover
Series 162:
CPD162-(pole)*
Series 163:
CPDB-(pole)*
*Provided with mounting screws
Flat Cover
Part Number
˝A˝ Dimension
CPB162-1
0.94˝
CPB162-2
1.75˝
CPB162-3
2.56˝
Series 162 Cover
Series 163 Cover
Series 16XXX Terminal Blocks
1011
SB-BU09622
Page 15 of 23
Data Sheet 1049



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com