Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDBFS504 Datasheet(PDF) 12 Page - Cooper Bussmann, Inc.

Part # PDBFS504
Description  Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PDBFS504 Datasheet(HTML) 12 Page - Cooper Bussmann, Inc.

Back Button PDBFS504 Datasheet HTML 8Page - Cooper Bussmann, Inc. PDBFS504 Datasheet HTML 9Page - Cooper Bussmann, Inc. PDBFS504 Datasheet HTML 10Page - Cooper Bussmann, Inc. PDBFS504 Datasheet HTML 11Page - Cooper Bussmann, Inc. PDBFS504 Datasheet HTML 12Page - Cooper Bussmann, Inc. PDBFS504 Datasheet HTML 13Page - Cooper Bussmann, Inc. PDBFS504 Datasheet HTML 14Page - Cooper Bussmann, Inc. PDBFS504 Datasheet HTML 15Page - Cooper Bussmann, Inc. PDBFS504 Datasheet HTML 16Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Line
Load
Part Number
Torque
Trim Length
Hex Key CU Wire Range
Torque
Trim Length
Hex Key,
CU Wire Range
Lb-in (Nm)
in (mm)
Lb-in (Nm)
in (mm)
Slot, Stud
PDB204-1, -3
2/0 to 8 AWG
110 (12.4)
0.700 (17.8)
3/16˝
2/0 to 8 AWG
110 (12.4)
0.700 (17.8)
3/16˝ Hex
70 to 10mm
2
70 to 10mm
2
4 to 6 AWG
25 to 16mm
2
35 (4.0)
PDB220-1, -3
2/0 to 8 AWG
120 (13.6)
0.670 (17.0)
3/16˝
8 AWG
25 (2.8)
0.470 (11.9) top row,
Slot
70 to 10mm
2
10mm
2
0.780 (19.8) bottom row
10 to 14 AWG
20 (2.3)
6 to 2.5mm
2
PDB280-1, -3
2/0 to 8 AWG
120 (13.6)
0.670 (17.0)
3/16˝
N/A
50 (5.7)
N/A
1/4 - 20
70 to 10mm2
Stud
4 to 6 AWG
25 to 16mm
2
35 (4.0)
PDB321-1, -2, -3
2/0 to 8 AWG
120 (13.6)
0.700 (17.8)
3/16˝
8 AWG
25 (2.8)
0.480 (12.2) top row,
Slot
70 to 10mm
2
10mm
2
0.800 (20.3) bottom row
10 to 14 AWG
20 (2.3)
6 to 2.5mm
2
4 to 6 AWG
25 to 16mm
2
35 (4.0)
PDB323-1, -3
350 Kcmil to 4 AWG
275 (31.1)
0.900 (22.9)
5/16˝
8 AWG
25 (2.8)
1.00 (25.4) top row,
Slot
185 to 25mm
2
10mm
2
0.450 (11.43) bottom row
10 to 12 AWG
20 (2.3)
6 to 4mm
2
4 to 6 AWG
25 to 16mm
2
35 (4.0)
0.450 (11.4) top row
PDB370-1, -3
350 Kcmil to 4 AWG
275 (31.1)
0.900 (22.9)
5/16˝
8 AWG
25 (2.8)
0.630 (16.0) middle row,
Slot
185 to 25mm
2
10mm
2
0.920 (23.4) bottom row
10 to 14 AWG
20 (2.3)
6 to 2.5mm
2
2 to 3 AWG
50 (5.7)
35mm
2
PDB371-1, -3
350 Kcmil to 4 AWG
275 (31.1)
0.900 (22.9)
5/16˝
4 to 6 AWG
185 to 25mm
2
25 to 16mm
2
45 (5.1)
0.450 (11.4) top row
Slot top row
8 AWG
40 (4.5)
0.630 (16.0) middle row,
Slot middle row,
10mm
2
0.920 (23.4) bottom row
3/16˝ Hex
10 to 12 AWG
35 (4.0)
bottom row
6 to 4mm
2
Top Row
Bottom Row
Top Row
Bottom Row
Middle Row
Top Row
Bottom Row
PDB220-1, -3
PDB321-1, -2, -3
PDB323-1, -3
PDB370-1, -3
PDB371-1, -3
Trim
Series PDB Power Distribution Blocks
1011
SB-BU09622
Page 12 of 23
Data Sheet 1049



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com