Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDBFS504 Datasheet(PDF) 18 Page - Cooper Bussmann, Inc.

Part # PDBFS504
Description  Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PDBFS504 Datasheet(HTML) 18 Page - Cooper Bussmann, Inc.

Back Button PDBFS504 Datasheet HTML 14Page - Cooper Bussmann, Inc. PDBFS504 Datasheet HTML 15Page - Cooper Bussmann, Inc. PDBFS504 Datasheet HTML 16Page - Cooper Bussmann, Inc. PDBFS504 Datasheet HTML 17Page - Cooper Bussmann, Inc. PDBFS504 Datasheet HTML 18Page - Cooper Bussmann, Inc. PDBFS504 Datasheet HTML 19Page - Cooper Bussmann, Inc. PDBFS504 Datasheet HTML 20Page - Cooper Bussmann, Inc. PDBFS504 Datasheet HTML 21Page - Cooper Bussmann, Inc. PDBFS504 Datasheet HTML 22Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
1.87
(47.50)
.62
(15.75)
1.44
(36.57)
1.71
(43.48)
1.46
(37.13)
Mtg. holes
.18 (4.57) dia.
.28 (7.11) c'bores
Dovetail
Option
NDN111-WH-UL
Agency/Standards
• UL 1059 Recognized, Guide XCFR2, File E62622
• General Industry Class per UL 1059, usage category C
Electrical
• 600Vac or dc
• Short-Circuit Current Rating up to 100kA, See table page 16
• 90A ampacity
• Wire range 2 to 18 AWG CU
Mechanical
• Panel mount
• 35mm DIN rail and C-rail mount
• .635˝ (16.13mm) pole to pole spacing
• 3 pole configuration
• Marking tape MT12-1⁄2
• Flammability, UL94 V2
1011
SB-BU09622
Page 18 of 23
Data Sheet 1049
Terminal Blocks With High Short-Circuit Current Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com