Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9944 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9944
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9944 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9944 Datasheet HTML 12Page - Analog Devices AD9944 Datasheet HTML 13Page - Analog Devices AD9944 Datasheet HTML 14Page - Analog Devices AD9944 Datasheet HTML 15Page - Analog Devices AD9944 Datasheet HTML 16Page - Analog Devices AD9944 Datasheet HTML 17Page - Analog Devices AD9944 Datasheet HTML 18Page - Analog Devices AD9944 Datasheet HTML 19Page - Analog Devices AD9944 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD9943/AD9944
Rev. B | Page 19 of 20
24
REFB
23
REFT
22
CCDIN
21
AVSS
D2
1
D3
2
D0
D1
D4
3
20
AVDD
19
SHD
18
SHP
17
CLPOB
D5
4
D6
5
D7
6
D8
7
D9
8
DATA
OUTPUTS
12
910
3V
DRIVER
SUPPLY
3V
ANALOG
SUPPLY
3V
ANALOG
SUPPLY
12 13 14 15 16
5
CLOCK
INPUTS
3
SERIAL
INTERFACE
CCDIN
AD9944
(Not to Scale)
TOP VIEW
1.0
µF
1.0
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
NC = NO CONNECT
PIN 1
IDENTIFIER
32 31 30 29 28 27 26 25
11
Figure 18. AD9944 Recommended Circuit Configuration for CCD Mode
INTERNAL POWER-ON RESET CIRCUITRY
After power-on, the AD9943/AD9944 automatically reset all
internal registers and perform internal calibration procedures.
This takes approximately 1 ms to complete. During this time,
normal clock signals and serial write operations may occur.
However, serial register writes are ignored until the internal
reset operation is completed.
GROUNDING AND DECOUPLING
RECOMMENDATIONS
As shown in Figure 17 and Figure 18, a single ground plane is
recommended for the AD9943/AD9944. This ground plane
should be as continuous as possible. This ensures that all analog
decoupling capacitors provide the lowest possible impedance
path between the power and bypass pins and their respective
ground pins. All decoupling capacitors should be located as
close as possible to the package pins. A single clean power
supply is recommended for the AD9943 and AD9944, but a
separate digital driver supply may be used for DRVDD (Pin 11).
DRVDD should always be decoupled to DRVSS (Pin 12), which
should be connected to the analog ground plane. Advantages of
using a separate digital driver supply include using a lower
voltage (2.7 V) to match levels with a 2.7 V ASIC, and reducing
digital power dissipation and potential noise coupling. If the
digital outputs must drive a load larger than 20 pF, buffering
is the recommended method to reduce digital code transition
noise. Alternatively, placing series resistors close to the digital
output pins may also help reduce noise.
Note: The exposed pad on the bottom of the AD9943/AD9944
should be soldered to the GND plane of the printed circuit
board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com