Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9944 Datasheet (PDF) - Analog Devices

AD9944 Datasheet PDF - Analog Devices
Part # AD9944
Download  AD9944 Download
File Size   498.23 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors

AD9944 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9944 Datasheet PDF - Analog Devices

Part # AD9944
Download  AD9944 Click to download

File Size   498.23 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors

AD9944 Datasheet (HTML) - Analog Devices


AD9944 Product details

GENERAL DESCRIPTION
The AD9943/AD9944 are complete analog signal processors for CCD applications. They feature a 25 MHz single-channel architecture designed to sample and condition the outputs of interlaced and progressive scan area CCD arrays. The signal chain for the AD9943/AD9944 consists of a correlated double sampler (CDS), a digitally controlled variable gain amplifier (VGA), and a black level clamp. The AD9943 offers 10-bit ADC resolution, while the AD9944 contains a true 12-bit ADC.

FEATURES
    25 MSPS correlated double sampler (CDS)
    6 dB to 40 dB 10-bit variable gain amplifier (VGA)
    Low noise optical black clamp circuit
    Preblanking function
    10-bit (AD9943), 12-bit (AD9944) 25 MSPS A/D converter
    No missing codes guaranteed
    3-wire serial digital interface
    3 V single-supply operation
    Space-saving 32-lead 5 mm × 5 mm LFCSP package

APPLICATIONS
    Digital still cameras
    Digital video camcorders
    PC cameras
    Portable CCD imaging devices
    CCTV cameras




Similar Part No. - AD9944

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9944KCPZ AD-AD9944KCPZ Datasheet
336Kb / 20P
Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9944KCPZRL AD-AD9944KCPZRL Datasheet
336Kb / 20P
Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
More results


Similar Description - AD9944

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9807 AD-AD9807 Datasheet
240Kb / 24P
Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
REV.0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV.A
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
logo
Analog Devices
AD9945 AD-AD9945 Datasheet
222Kb / 16P
Complete 12-Bit 40 MHz CCD Signal Processor
11/03-Data Sheet changed from REV. 0 to REV. A
logo
Agamem Microelectronic ...
AA88043 AGAMEM-AA88043 Datasheet
45Kb / 1P
COMPLETE 10-Bit, 25MHz CCD SIGNAL PROCESSOR
logo
Analog Devices
ADDI7100 AD-ADDI7100 Datasheet
364Kb / 20P
Complete, 12-Bit, 45 MHz CCD Signal Processor
REV. C
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9943 AD-AD9943_15 Datasheet
336Kb / 20P
Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com