Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPDV825 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TPDV825
Description  25 A high voltage Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPDV825 Datasheet(HTML) 1 Page - STMicroelectronics

  TPDV825 Datasheet HTML 1Page - STMicroelectronics TPDV825 Datasheet HTML 2Page - STMicroelectronics TPDV825 Datasheet HTML 3Page - STMicroelectronics TPDV825 Datasheet HTML 4Page - STMicroelectronics TPDV825 Datasheet HTML 5Page - STMicroelectronics TPDV825 Datasheet HTML 6Page - STMicroelectronics TPDV825 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
January 2012
Doc ID 18268 Rev 2
1/7
7
TPDVxx25
25 A high voltage Triacs
Features
■ On-state current (IT(RMS)): 25 A
■ Max. blocking voltage (VDRM/VRRM): 1200 V
■ Gate current (IGT): 150 mA
■ Commutation @ 10 V/µs: up to 88 A/ms
■ Noise immunity: 2 kV/µs
■ Insulated package:
– 2,500 V rms (UL recognized: E81734).
Description
The TPDVxx25 series use high performance
alternistor technology.
Featuring very high commutation levels and high
surge current capability, these devices are well
adapted to power control for inductive and
resistive loads (motor, transformer...) especially
on three-phase power grid. Targeted three-phase
applications include heating systems, motor
starters, and induction motor speed control
(especially for fans).
A2
A1
G
TOP3 insulated
A2
A1
G
Table 1.
Device summary
Parameter
TPDV825RG
TPDV1025RG
TPDV1225RG
Blocking voltage VDRM/VRRM
800 V
1000 V
1200 V
On-state current IT(RMS)
25 A
Gate current IGT
150 mA
www.st.com


Similar Part No. - TPDV825

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TPDV825 STMICROELECTRONICS-TPDV825 Datasheet
66Kb / 5P
ALTERNISTORS
Mar-1995
More results

Similar Description - TPDV825

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
Snubberless high temperature 25 A Triacs
20-Jun-2006
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
TPDV1240RG STMICROELECTRONICS-TPDV1240RG Datasheet
70Kb / 7P
40 A high voltage Triacs
30-Mar-2011
TXDV1212RG STMICROELECTRONICS-TXDV1212RG Datasheet
93Kb / 7P
12 A high voltage Triacs
13-Jan-2012
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
logo
Kersemi Electronic Co.,...
BTA25-600BW KERSEMI-BTA25-600BW Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
BTA26-800CW KERSEMI-BTA26-800CW Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
BTA24-800B KERSEMI-BTA24-800B Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
logo
STMicroelectronics
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
40 A high voltage Triacs
10-Jun-2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com