Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBR-i7-R-3612QE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IBR-i7-R-3612QE
Description  Extreme Rugged??COM Express짰 Type 6 Module with 3rd Generation Intel짰 Core??i3/i7 Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IBR-i7-R-3612QE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IBR-i7-R-3612QE Datasheet HTML 1Page - List of Unclassifed Manufacturers IBR-i7-R-3612QE Datasheet HTML 2Page - List of Unclassifed Manufacturers IBR-i7-R-3612QE Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.adlinktech.com/Computer-on-Module
17
Features
Quad/dual core 3rd Generation Intel® Core™
Processor
Mobile Intel® QM77 Express Chipset
Up to 16GB ECC 1600MHz DDR3 memory in two
SODIMM sockets
Three Digital Display Interfaces (DDI) for
DisplayPort /HDMI/DVI/SDVO
Seven PCIe x1 (Gen 2), one PCIe x16 (Gen 3) for
graphics (or general purpose x8/4/1)
2x SATA 6 Gb/s, 2x SATA 3 Gb/s, Gigabit Ethernet,
USB 2.0, 4 USB 3.0
COM Express® COM.0 R2.1 Type 6 Pinout
Extended Temperature: -40°C to +85°C
50% Thicker PCB for high vibration environments
Express-IBR
Specifications
Core System
CPU
3rd Generation Intel® Core™ i7/i3, 22nm process, BGA type
Intel® Core™ i7-3615QE 2.3GHz (up to 3.3GHz Turbo), 6MB
L3 cache, 45W, quad core
Intel® Core™ i7-3612QE 2.1GHz (up to 3.1GHz Turbo), 6MB
L3 cache, 35W, quad core
Intel® Core™ i7-3555LE 2.5GHz (up to 3.2GHz Turbo), 4MB
L3 cache, 25W, dual core
Intel® Core™ i7-3517UE 1.7GHz (up to 2.8GHz Turbo), 4MB
L3 cache, 17W, dual core
Intel® Core™ i3-3217UE 1.6GHz, 3MB
L3 cache, 17W, dual core
Memory
Dual channel ECC 1600 MHz DDR3 memory up to 16 GB in
dual SODIMM sockets
BIOS
AMI EFI with CMOS backup in 16 Mb SPI flash
Hardware Monitor
Supply voltages and CPU temperature
Debug Interface
XDP SFF-26 extension for ICE debug
Watchdog Timer
Programmable timer range to generate RESET
Expansion Busses
PCI Express x16 (Gen3) bus for discrete graphics solution or
general purpose PCI Express (2 x8 or 1 x8 with 2 x4)
7 PCI Express x1: Lanes 0/1/2/3/4/5/6
LPC bus, SMBus (system), I2C (user)
Technologies
PAVP 3.0, Intel® AMT 8.0, Intel® VT, Intel® AES-NI, Intel® HT,
Intel® HD Graphics with Dynamic Frequency, Intel® Turbo
Boost , Dynamic Turbo, Intel® AVX 1.0, Intel® Quick Sync Video
Video
Integrated in Processor Intel® HD Graphics 4000 at 650-1300 MHz
Integrated Video
DirectX 11.0, OpenGL 3.1, and OCL 1.1
Media Processing
Decode (HW JPEG & MJPEG decode), encode (full HW
MPEG2 encode), transcode
Intel® Clear Video HD Technology + enhanced media
processing
VGA Interface
Analog VGA support with 300 MHz DAC
Analog monitor support up to QXGA (2048 x 1536) and VGA
hot plug
LVDS Interface
Dual channel 18/24-bit LVDS
Digital Display Interface Three DDI ports supporting HDMI / DVI / DisplayPort or SDVO
Audio
Chipset
Integrated on Mobile Intel® QM77 Express chipset
Audio Codec
Implemented on carrier board
Ethernet
Chipset
Intel® Gigabit LAN PHY WG82579LM
Speed
10/100/1000 Mbps Ethernet
Multi I/O
Chipset
Integrated on Mobile Intel® QM77 Express chipset
USB
Supports up to eight ports USB 2.0, 4 USB 3.0
SATA
Two SATA 6 Gb/s, two SATA 3 Gb/s with support for RAID
0,1,5,10
Super I/O
Connected to LPC bus on carrier if needed (BIOS supports
W83627DHG)
TPM (optional)
Chipset
Atmel AT97SC3204-U1A190
Type
TPM 1.2
Power
Input Power
AT mode (12 V +/- 5%) and ATX mode
(12 V and 5 Vsb +/- 5%)
Power States
Supports S0, S1, S3, S4, S5
Power Consumption
12W typical (i7-36xxQE)
8W typical (i7-3555LE/i7-3517UE/i3-3217UE)
S3: 0.85W
S5: 0.55W
Smart Battery Support Yes (BIOS supports LTC4100 and LTC1760)
Mechanical and Environmental
Size
COM Express Basic, 125 mm x 95 mm
Board Thickness
0.093” (2.3mm)
Operating Temperature Standard: -20°C to 70°C
Extended: -40°C to 85°C
Storage Temperature
-55°C to 85°C
Humidity
90% at 60°C non-condensing
Shock
50G peak-to-peak, 11ms duration, MIL-STD-202G Method
213B
Vibration
Operating: 11.96 Grms, 50-20,000 Hz, each axis,
MIL-STD-202G Method 214A
Compatibility
PICMG COM Express COM.0 R2.1 Type 6
Certifications
CE, FCC, HALT
Operating Systems
Standard Support
Windows 7
Linux
Extended Support (BSP) Windows XPe/7, WEC 7
Linux, VxWorks 6.9, QNX 6.5
AIDI Library
Extreme Rugged™ COM Express® Type 6 Module with
3rd Generation Intel® Core™ i3/i7 Processor


Similar Part No. - IBR-i7-R-3612QE

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
IBR-I7-3517UE SEALEVEL-IBR-I7-3517UE Datasheet
340Kb / 2P
COM Express Module, Type 6, 1.7GHz Intel Core i7
More results

Similar Description - IBR-i7-R-3612QE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5788 ADVANTECH-SOM-5788_12 Datasheet
1Mb / 2P
Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790 Datasheet
1Mb / 2P
Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790_13 Datasheet
651Kb / 2P
Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
logo
AAEON Technology
IMBA-Q77 AAEON-IMBA-Q77 Datasheet
549Kb / 2P
Intel짰 3rd Generation Core??i7/ i5/ i3 LGA 1155 Processor
IMBM-B75A AAEON-IMBM-B75A Datasheet
375Kb / 2P
Intel짰 2nd/3rd Generation Core??i7/ i5/ i3/ Processors
logo
Advantech Co., Ltd.
SOM-5892 ADVANTECH-SOM-5892_15 Datasheet
649Kb / 2P
3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-6894 ADVANTECH-SOM-6894_15 Datasheet
567Kb / 2P
Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM Express짰 Compact Module
MIC-3395MIL ADVANTECH-MIC-3395MIL_13 Datasheet
295Kb / 2P
6U CompactPCI 3rd Generation Intel짰 Core??i7 Rugged Processor Blade with ECC
SOM-5788Z-S1A1E ADVANTECH-SOM-5788Z-S1A1E Datasheet
655Kb / 2P
Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5892FG-U1A1E ADVANTECH-SOM-5892FG-U1A1E Datasheet
649Kb / 2P
3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com