Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBR-i7-R-3612QE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IBR-i7-R-3612QE
Description  Extreme Rugged??COM Express짰 Type 6 Module with 3rd Generation Intel짰 Core??i3/i7 Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IBR-i7-R-3612QE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IBR-i7-R-3612QE Datasheet HTML 1Page - List of Unclassifed Manufacturers IBR-i7-R-3612QE Datasheet HTML 2Page - List of Unclassifed Manufacturers IBR-i7-R-3612QE Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
18
Functional Diagram
Ordering Information
Modules
Model Number
Description/Configuration
Express-IBR-i7-R-3615QE
Extreme Rugged COM Express Type 6 module with Intel®
Core™ i7-3615QE 2.3GHz 45W Quad Core CPU, two
DDR3 ECC SODIMMs supported
Express-IBR- i7-R-3612QE Extreme Rugged COM Express Type 6 module with
Intel® Core™ i7-3612QE 2.1GHz 35W Quad Core CPU ,
two DDR3 ECC SODIMMs supported
Express-IBR-i7-R-3555LE
Extreme Rugged COM Express Type 6 module with
Intel® Core™ i7-3555LE 2.5GHz 25W Dual Core CPU,
two DDR3 ECC SODIMMs supported
Express-IBR-i7-R-3517UE
Extreme Rugged COM Express Type 6 module with
Intel® Core™ i7-3517UE 1.7GHz 17W Dual Core CPU,
two DDR3 ECC SODIMMs supported
Express-IBR-i3-R-3217UE
Extreme Rugged COM Express Type 6 module with
Intel® Core™ i3-3217UE 1.6GHz 17W Dual Core CPU,
two DDR3 ECC SODIMMs supported
Accessories
Model Number
Description/Configuration
Heat Spreaders (for use with customer supplied thermal solution)
HTS-IBR-BTF
Heat spreader for Express-IBR with through-hole standoffs
for top-mounting
HTS-IBR-B
Heat spreader for Express-IBR with threaded standoffs for
bottom-mounting
Passive Heatsinks (for use with 17 and 25W CPUs)
THSH-IBR-BTL
Heatsink for Express-IBR with through-hole standoffs for
top-mounting
Active Heatsinks (recommended for 35 and 45W CPUs)
THSF-IBR-BTL-CU
Heatsink with FAN for Express-IBR with through-hole
standoffs for top-mounting
PCH
Mobile Intel® QM77
Express Chipset
Processor
3rd Gen
Intel® Core™
i7 Processor
Quad & Dual Core
GbE LAN
82579
GPIO
PCA9535
BC
6x PCIe x1
(port 0~5)
SMBus
Dual channel 18/24-bit LVDS
4x GP0
8x USB 2.0 (channel 0/7)
SODIMM 2
1600 MHz
1~8 GB ECC DDR3
SPI 0
BIOS
PCIe x1
(port 7)
HDA Audio
LPC bus
SODIMM 1
1600 MHz
1~8 GB ECC DDR3
PCI Express x16 (Gen2)
2 x8 or 1x8 + 2x4
SPI
DDI 1
DP / HDMI / DVI / SDVO
DDI 2
DP / HDMI / DVI
DDI 3
DP / HDMI / DVI / eDP
PCIe x1
(port 6)
4x USB 3.0
4x GPI
Monitor
ADT7490
VGA
TPM
AT97SC3204
SPI 1
Debug
header
XDP
SFF26
LVDS DDC I2C
I2C
WDT
2x SATA 6 Gb/s + 2x SATA 3 Gb/s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com