Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP18480 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP18480_13 Datasheet HTML 35Page - Microchip Technology MCP18480_13 Datasheet HTML 36Page - Microchip Technology MCP18480_13 Datasheet HTML 37Page - Microchip Technology MCP18480_13 Datasheet HTML 38Page - Microchip Technology MCP18480_13 Datasheet HTML 39Page - Microchip Technology MCP18480_13 Datasheet HTML 40Page - Microchip Technology MCP18480_13 Datasheet HTML 41Page - Microchip Technology MCP18480_13 Datasheet HTML 42Page - Microchip Technology MCP18480_13 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
 2002-2012 Microchip Technology Inc.
DS20091C-page 39
MCP18480
4.0
APPLICATIONS INFORMATION
The MCP18480 can be programmed to have the
PWRGOOD signal be either active-high or active-low
via the ISET pin and the connection of the external
RISET resistor (see Section 6.8.8, “Bias Block”). If the
RISET resistor is connected between ISET and VNEG, the
PWRGOOD output pin is an active-high signal. If the
RISET resistor is connected between ISET and VREFIN,
the PWRGOOD output pin is an active-low signal.
For systems using an active-low-enabled DC/DC con-
verter module, the MCP18480 should be programmed
for a high-active PWRGOOD output. Tying the RISET
resistor to the VNEG pin configures the PWRGOOD to
be an active-high signal. The active-high PWRGOOD
switches on the external NPN and the collector of the
external NPN (labeled as GOODPWR) is pulled to
VNEG, enabling a low-active GOODPWR and resulting
in enabling the DC/DC module.
For
active-high
DC/DC
converter
modules,
the
MCP18480 should be programmed for a low active
PWRGOOD output. Connecting RISET to the VREFIN
pin will enable an active-low PWRGOOD output. Refer
to Figure 4-1 and Figure 4-2 for schematics.
Figure 4-1 shows a typical telecom application circuit
where the DC/DC module is active-high. Figure 4-2
shows a typical telecom application circuit where the
DC/DC module is active-low. The polarity of the
MCP18480’s PWRGOOD pin (active-high or active-
low) is dependant on the state of the ISET pin.
FIGURE 4-1:
Typical Operating Circuit for Telecom Applications with Active-High power Module -
foldback current limit enabled.
+
RUV1
ROV2
RUV2
CUVD
RISET
Ctimer
RDISCH
RUVHYS
RPOS
CBYP2
RSENSE
RDRAIN1
RDRAIN2
RFB1
RFB2
CGD
RGD
RG1
CG1
QPG2
QPG3
RPG2
RPG6
M1
CBYPL
RBYPL
VNEG
RPG1
RPG5
4k
2µF
10nF
1.74 M
453 k
280 k
59 k
30.9 k
800 nF
124 k
680 nF
1.6 M
0.01
7.5 k
110 k
MPSA43
100 nF
10
3.3 nF
18 k
680
36 k
36 k
1500
100 µF
51 k
2N5400
NTE261
124 k
115 k
1.74 M
1.6 M
NTE2388
RZ
24.9 k
5V
RPG3
RPG4
QPG1
RESTART
ENABLE
PWRGOOD
VPOS
OVTH
UVTH
UVHYS
UVD
VREFIN
VREFOUT
CL
ISET
TIMER
OVO
DRAINTH
VFB
GATE
SENSE
VNEG
RDISCH
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DC/DC
Converter
Module
VIN+
VIN-
VOUT+
VOUT-
ON/OFF
100 V
78V
Fuse 10A
GND
Transorb
CBYP1
ROV1
GOODPWR
MCP18480
SRS
SEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com