Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP18480 Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP18480_13 Datasheet HTML 52Page - Microchip Technology MCP18480_13 Datasheet HTML 53Page - Microchip Technology MCP18480_13 Datasheet HTML 54Page - Microchip Technology MCP18480_13 Datasheet HTML 55Page - Microchip Technology MCP18480_13 Datasheet HTML 56Page - Microchip Technology MCP18480_13 Datasheet HTML 57Page - Microchip Technology MCP18480_13 Datasheet HTML 58Page - Microchip Technology MCP18480_13 Datasheet HTML 59Page - Microchip Technology MCP18480_13 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
FIGURE B-3:
Evaluation Board Schematic (Active-Low Power Module - Foldback Current Limit Enabled).
MCP18480
+
RUV1
ROV1
ROV2
RUV2
CUVD
RISET
CTIMER
RDISCH
RUVHYS
RPOS
CBYP1
CBYP2
RSENSE
ROVO1
ROVO2
RDRAIN1
RDRAIN2
RFB1
RFB2
CGD
RGD
RG1
CG1
QPG2
QPG3
RPG2
RPG6
M1
CBYPL
VNEG
RPG1
RPG5
RLOAD
SRS
SEN
4k
2µF
10nF
1.74 M
453 k
280 k
59 k
30.9 k
800 nF
124 k
680 nF
1.6 M
0.01
7.5 k
110 k
MPSA43
100 nF
10
 3.3 nF
18 k
680
36 k
36 k
1500
75
100 µF
2N5400
NTE261
124 k
115 k
59 k
1.74 M
1.6 M
1.74 M
NTE2388
RZ 24.9 k
5V
RPG3
RPG4
QPG1
RESTART
ENABLE
PWRGOOD
VPOS
OVTH
UVTH
UVHYS
UVD
VREFIN
VREFOUT
CL
ISET
TIMER
OVO
DRAINTH
VFB
GATE
SENS
VNEG
RDISCH
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
RBYPL
51 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com