Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP87018 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP87018
Description  High-Speed N-Channel Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP87018 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP87018 Datasheet HTML 6Page - Microchip Technology MCP87018 Datasheet HTML 7Page - Microchip Technology MCP87018 Datasheet HTML 8Page - Microchip Technology MCP87018 Datasheet HTML 9Page - Microchip Technology MCP87018 Datasheet HTML 10Page - Microchip Technology MCP87018 Datasheet HTML 11Page - Microchip Technology MCP87018 Datasheet HTML 12Page - Microchip Technology MCP87018 Datasheet HTML 13Page - Microchip Technology MCP87018 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
 2013 Microchip Technology Inc.
DS22329A-page 12
MCP87018
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP87018T:
N-Channel Power MOSFET (Tape and Reel)
Temperature Range:
U
= -55°C to +150°C (Ultra High)
Package:
MF = 8-Lead High Power Dual Flatpack, No Lead Package
(5x6x1.0 mm Body) (PDFN), 8-lead
Examples:
a)
MCP87018T-U/MF:
Tape and Reel,
Ultra High Temperature,
8LD PDFN package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com