Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP87018 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP87018
Description  High-Speed N-Channel Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP87018 Datasheet(HTML) 1 Page - Microchip Technology

  MCP87018 Datasheet HTML 1Page - Microchip Technology MCP87018 Datasheet HTML 2Page - Microchip Technology MCP87018 Datasheet HTML 3Page - Microchip Technology MCP87018 Datasheet HTML 4Page - Microchip Technology MCP87018 Datasheet HTML 5Page - Microchip Technology MCP87018 Datasheet HTML 6Page - Microchip Technology MCP87018 Datasheet HTML 7Page - Microchip Technology MCP87018 Datasheet HTML 8Page - Microchip Technology MCP87018 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2013 Microchip Technology Inc.
DS22329A-page 1
MCP87018
Features:
• Low Drain-to-Source On Resistance (RDS(ON))
• Low Total Gate Charge (QG) and Gate-to-Drain
Charge (QGD)
• Low Series Gate Resistance (RG)
•Fast Switching
• Capable of Short Dead-Time Operation
• RoHS Compliant
Applications:
• Point-of-Load DC-DC Converters
• High Efficiency Power Management in Servers,
Networking and Automotive Applications
Description:
The MCP87018 is an N-Channel power MOSFET in a
popular PDFN 5 mm x 6 mm package. Advanced
packaging and silicon processing technologies allow
the MCP87018 to achieve a low QG for a given RDS(on)
value, resulting in a low Figure of Merit (FOM).
Combined with low RG, the low FOM of the MCP87018
allows high efficiency power conversion with reduced
switching and conduction losses.
Package Type
Product Summary Table:
Unless otherwise indicated, TA = +25°C
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Operating Characteristics
Drain-to-Source Breakdown Voltage
BVDSS
25
—
—
V
VGS = 0V, ID = 250 µA
Gate-to-Source Threshold Voltage
VGS(TH)
11.3
1.6
V
VDS = VGS, ID = 250 µA
Drain-to-Source On Resistance
RDS(ON)
—1.8
2.2
mΩ
VGS = 4.5V, ID = 25A
—1.5
1.9
mΩ
VGS = 10V, ID = 25A
Total Gate Charge
QG
—
32.5
37
nC
VDS = 12.5V, ID = 25A, VGS = 4.5V
Gate-to-Drain Charge
QGD
—13—
nC
VDS = 12.5V, ID = 25A
Series Gate Resistance
RG
—1.5
—
Ω
—
Thermal Characteristics
Thermal Resistance Junction-to-X
RθJX
——
56
°C/W
Note 1
Thermal Resistance Junction-to-Case
RθJC
——
1.4
°C/W
Note 2
Note
1:
RθJX is determined with the device surface mounted on a 4-Layer FR4 PCB, with a 1" x 1" mounting pad of
2 oz. copper. This characteristic is dependent on user’s board design.
2:
RθJC is determined using JEDEC 51-14 Method. This characteristic is determined by design.
S
G
S
S
D
D
D
D
1
2
3
4
5
6
7
8
PDFN 5 x 6
High-Speed N-Channel Power MOSFET


Similar Part No. - MCP87018

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP87018T-U/MF MICROCHIP-MCP87018T-U/MF Datasheet
719Kb / 16P
High-Speed N-Channel Power MOSFET
11/29/12
MCP87018 MICROCHIP-MCP87018_13 Datasheet
719Kb / 16P
High-Speed N-Channel Power MOSFET
11/29/12
More results

Similar Description - MCP87018

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP87030 MICROCHIP-MCP87030 Datasheet
593Kb / 14P
High-Speed N-Channel Power MOSFET
11/29/12
MCP87090 MICROCHIP-MCP87090 Datasheet
995Kb / 18P
High-Speed N-Channel Power MOSFET
11/29/12 2013
MCP87130 MICROCHIP-MCP87130 Datasheet
1Mb / 18P
High-Speed N-Channel Power MOSFET
11/29/12 2013
MCP87022 MICROCHIP-MCP87022_12 Datasheet
679Kb / 16P
High-Speed N-Channel Power MOSFET
2012 10/26/12
MCP87055 MICROCHIP-MCP87055_12 Datasheet
663Kb / 16P
High-Speed N-Channel Power MOSFET
2012 10/26/12
MCP87030 MICROCHIP-MCP87030_13 Datasheet
677Kb / 16P
High-Speed N-Channel Power MOSFET
11/29/12
MCP87018 MICROCHIP-MCP87018_13 Datasheet
719Kb / 16P
High-Speed N-Channel Power MOSFET
11/29/12
MCP87022 MICROCHIP-MCP87022 Datasheet
679Kb / 16P
High-Speed N-Channel Power MOSFET
10/26/12
MCP87050 MICROCHIP-MCP87050 Datasheet
758Kb / 16P
High-Speed N-Channel Power MOSFET
10/26/12
MCP87055 MICROCHIP-MCP87055 Datasheet
663Kb / 16P
High-Speed N-Channel Power MOSFET
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com