Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP87130 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP87130
Description  High-Speed N-Channel Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP87130 Datasheet(HTML) 1 Page - Microchip Technology

  MCP87130 Datasheet HTML 1Page - Microchip Technology MCP87130 Datasheet HTML 2Page - Microchip Technology MCP87130 Datasheet HTML 3Page - Microchip Technology MCP87130 Datasheet HTML 4Page - Microchip Technology MCP87130 Datasheet HTML 5Page - Microchip Technology MCP87130 Datasheet HTML 6Page - Microchip Technology MCP87130 Datasheet HTML 7Page - Microchip Technology MCP87130 Datasheet HTML 8Page - Microchip Technology MCP87130 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 2013 Microchip Technology Inc.
DS25159A-page 1
MCP87130
Features:
• Low Drain-to-Source On Resistance (RDS(ON))
• Low Total Gate Charge (QG) and Gate-to-Drain
Charge (QGD)
• Low Series Gate Resistance (RG)
• Capable of Short Dead-Time Operation
• RoHS Compliant
Applications:
• Point-of-Load DC-DC Converters
• High Efficiency Power Management in Servers,
Networking, and Automotive Applications
Description:
The MCP87130 is an N-Channel power MOSFET in a
popular PDFN 5 mm x 6 mm package as well as a
PDFN
3.3 mm x 3.3 mm
package.
Advanced
packaging and silicon processing technologies allow
the MCP87130 to achieve a low QG for a given RDS(ON)
value, resulting in a low Figure of Merit (FOM).
Combined with low RG, the low FOM of the MCP87130
allows high efficiency power conversion with reduced
switching and conduction losses.
Package Type
S
G
S
S
D
D
D
D
1
2
3
4
5
6
7
8
PDFN 5 x 6
PDFN 3.3 x 3.3
Product Summary Table:
Unless otherwise indicated, TA = +25˚C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Operating Characteristics
Drain-to-Source Breakdown Voltage
BVDSS
25
—
—
V
VGS = 0V, ID = 250 µA
Gate-to-Source Threshold Voltage
VGS(TH)
1.1
1.35
1.7
V
VDS = VGS, ID = 250 µA
Drain-to-Source On Resistance
RDS(ON)
—
13.8
16.5
mΩ
VGS = 4.5V, ID = 10A
—
11.3
13.5
mΩ
VGS = 10V, ID = 10A
Total Gate Charge
QG
—5.5
8
nC
VDS = 12.5V, ID = 10A,
VGS = 4.5V
Gate-to-Drain Charge
QGD
—2.6
—
nC
VDS = 12.5V, ID = 10A
Series Gate Resistance
RG
—1.7
—
Ω
Thermal Characteristics
Thermal Resistance Junction-to-X, 8L 3.3x3.3-PDFN
RθJX
——
66
°C/W Note 1
Thermal Resistance Junction-to-Case, 8L 3.3x3.3-PDFN
RθJC
——
3.5
°C/W Note 2
Thermal Resistance Junction-to-X, 8L 5x6-PDFN
RθJX
——
56
°C/W Note 1
Thermal Resistance Junction-to-Case, 8L 5x6-PDFN
RθJC
——
2.1
°C/W Note 2
Note
1:
RθJX is determined with the device surface mounted on a 4-Layer FR4 PCB, with a 1” x 1” mounting pad of 2 oz. cop-
per. This characteristic is dependent on user’s board design.
2:
RθJC is determined using JEDEC 51-14 Method. This characteristic is determined by design.
High-Speed N-Channel Power MOSFET


Similar Part No. - MCP87130

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP87018 MICROCHIP-MCP87018 Datasheet
666Kb / 14P
High-Speed N-Channel Power MOSFET
11/29/12
MCP87018T-U/MF MICROCHIP-MCP87018T-U/MF Datasheet
719Kb / 16P
High-Speed N-Channel Power MOSFET
11/29/12
MCP87018 MICROCHIP-MCP87018_13 Datasheet
719Kb / 16P
High-Speed N-Channel Power MOSFET
11/29/12
MCP87022 MICROCHIP-MCP87022 Datasheet
679Kb / 16P
High-Speed N-Channel Power MOSFET
10/26/12
MCP87022TUMF MICROCHIP-MCP87022TUMF Datasheet
679Kb / 16P
High-Speed N-Channel Power MOSFET
10/26/12
More results

Similar Description - MCP87130

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP87018 MICROCHIP-MCP87018 Datasheet
666Kb / 14P
High-Speed N-Channel Power MOSFET
11/29/12
MCP87030 MICROCHIP-MCP87030 Datasheet
593Kb / 14P
High-Speed N-Channel Power MOSFET
11/29/12
MCP87090 MICROCHIP-MCP87090 Datasheet
995Kb / 18P
High-Speed N-Channel Power MOSFET
11/29/12 2013
MCP87022 MICROCHIP-MCP87022_12 Datasheet
679Kb / 16P
High-Speed N-Channel Power MOSFET
2012 10/26/12
MCP87055 MICROCHIP-MCP87055_12 Datasheet
663Kb / 16P
High-Speed N-Channel Power MOSFET
2012 10/26/12
MCP87030 MICROCHIP-MCP87030_13 Datasheet
677Kb / 16P
High-Speed N-Channel Power MOSFET
11/29/12
MCP87018 MICROCHIP-MCP87018_13 Datasheet
719Kb / 16P
High-Speed N-Channel Power MOSFET
11/29/12
MCP87022 MICROCHIP-MCP87022 Datasheet
679Kb / 16P
High-Speed N-Channel Power MOSFET
10/26/12
MCP87050 MICROCHIP-MCP87050 Datasheet
758Kb / 16P
High-Speed N-Channel Power MOSFET
10/26/12
MCP87055 MICROCHIP-MCP87055 Datasheet
663Kb / 16P
High-Speed N-Channel Power MOSFET
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com