Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC32M Datasheet(PDF) 6 Page - Microchip Technology

Part # TC32M
Description  ECONOMONITOR????3-Pin System Supervisor with Power Supply Monitor and Watchdog
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC32M Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC32M_13 Datasheet HTML 2Page - Microchip Technology TC32M_13 Datasheet HTML 3Page - Microchip Technology TC32M_13 Datasheet HTML 4Page - Microchip Technology TC32M_13 Datasheet HTML 5Page - Microchip Technology TC32M_13 Datasheet HTML 6Page - Microchip Technology TC32M_13 Datasheet HTML 7Page - Microchip Technology TC32M_13 Datasheet HTML 8Page - Microchip Technology TC32M_13 Datasheet HTML 9Page - Microchip Technology TC32M_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TC32M
DS21402D-page 6
 2001-2012 Microchip Technology Inc.
3.4
External Override Reset Control
A built-in debounce circuit allows a push-button switch
(PB) or other electronic signal to be wire-ORed to this
pin as an external Reset override control. The external
Reset is required to be an active low signal. Internally,
this input is timed to provide a minimum Reset pulse
width of 500 msec. Reference Figure .
t
FIGURE 3-2:
RS Pulled Low By Push-
Button Reset
FIGURE 3-3:
Power-Up/Down Reset Timing
3.5
Supply Monitor Noise Sensitivity
The TC32M is optimized for fast response to negative-
going changes in VDD. Systems with an inordinate
amount of electrical noise on VDD (such as systems
using relays), may require a 0.01
F bypass capacitor
to reduce detection sensitivity. This capacitor should be
installed as close to the TC32M as possible to keep the
capacitor lead length short.
FIGURE 3-4:
TC32M Hardware Connections (R1, R2 Chosen To Meet V
STH, VSTL)
PB Closed
PB Open
RS
VIH
tRST
VIL
RS
VIL
VIH
VDD
VRST
tRST
tRPD
5V
5V
Reset
PO.1
Reset
Microcontroller
Microprocessor
R2,10 k
Ω
Microcontroller Example
Reset
Decoder
Address
Reset
R1, 10 k
Ω
Microprocessor Example
RS
TC32M
RS
TC32M
R1, 10 k
Ω
R2, 10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com