Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC32M Datasheet(PDF) 1 Page - Microchip Technology

Part # TC32M
Description  ECONOMONITOR????3-Pin System Supervisor with Power Supply Monitor and Watchdog
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC32M Datasheet(HTML) 1 Page - Microchip Technology

  TC32M_13 Datasheet HTML 1Page - Microchip Technology TC32M_13 Datasheet HTML 2Page - Microchip Technology TC32M_13 Datasheet HTML 3Page - Microchip Technology TC32M_13 Datasheet HTML 4Page - Microchip Technology TC32M_13 Datasheet HTML 5Page - Microchip Technology TC32M_13 Datasheet HTML 6Page - Microchip Technology TC32M_13 Datasheet HTML 7Page - Microchip Technology TC32M_13 Datasheet HTML 8Page - Microchip Technology TC32M_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2001-2012 Microchip Technology Inc.
DS21402D-page 1
TC32M
Features:
• Incorporates the Functionality of the Industry
Standard TC1232 (Processor Monitor, Watchdog
and Manual Override Reset Controller) into a
Small, Lower Cost Package
• Guards Against Unstable Processor Operation
Resulting from Power “Brown-Out”
• Automatically Halts and Restarts an Out-of-
Control Microprocessor
• Output can be Wire-ORed, or Hooked to Manual
Reset Push-button Switch
• Space-Saving 3-Pin TO-92 or SOT-223 Package
Applications:
• All Microprocessor-Based Systems
• Battery Powered Computers and Controllers
• Automotive Systems
• Intelligent Instruments
• Critical Processor Monitoring
• Embedded Controllers
Device Selection Table
Package Type
General Description:
The TC32M is a fully-integrated processor supervisor
in a 3-pin package. It provides three important func-
tions to safeguard processor sanity: precision power
on/off Reset control, Watchdog Timer and external
Reset override.
On power-up, the TC32M holds the processor in the
Reset state for a minimum of 500 msec after VDD is
within tolerance to ensure a stable system start-up.
Microprocessor sanity is monitored by the on-board
Watchdog circuit. The microprocessor must provide a
high-to-low level shift (through an external resistor
divider) on the RS pin of the TC32M. Should the
processor fail to supply this signal within the specified
time-out period (typically 700 msec), an out-of-control
processor is indicated and the TC32M issues a
processor Reset as a result.
The output of the TC32M can be wire-ORed with a
push-button switch (or electronic signal) to override the
TC32M and unconditionally reset the processor. When
connected to a push-button switch, the TC32M
provides contact debounce.
The TC32M is packaged in a space-saving TO-92 or
SOT-223 package. It provides all of the functionality of
the industry standard TC1232 in a smaller, lower cost
configuration.
Part Number
Package
Temp. Range
TC32MCDB
SOT-223
0°C to +70°C
TC32MCZB
TO-92
0°C to +70°C
TC32MEDB
SOT-223
-40°C to +85°C
TC32MEZB
TO-92
-40°C to +85°C
1
12
4
3
23
GND
TC32MCDB
TC32MEDB
TC32MCZB
TC32MEZB
VDD
VDD
RS
ECONOMONITOR™ – 3-Pin System Supervisor with
Power Supply Monitor and Watchdog


Similar Part No. - TC32M_13

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TC32M00001FABNEXXSC-PF ACT-TC32M00001FABNEXXSC-PF Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TC32M00001FABNEXXSD-PF ACT-TC32M00001FABNEXXSD-PF Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TC32M00001FABNEXXSL-PF ACT-TC32M00001FABNEXXSL-PF Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TC32M00001FAINEXXSC-PF ACT-TC32M00001FAINEXXSC-PF Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TC32M00001FAINEXXSD-PF ACT-TC32M00001FAINEXXSD-PF Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
More results

Similar Description - TC32M_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC32M TELCOM-TC32M Datasheet
57Kb / 4P
ECONOMONITOR - 3-PIN SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR AND WATCHDOG
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
3-Pin Microcontroller Power Supply Supervisor
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Microchip Technology
TC32M MICROCHIP-TC32M Datasheet
450Kb / 12P
ECONOMONITOR?? 3-Pin System Supervisor with Power Supply Monitor and Watchdog
2002
logo
IMP, Inc
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
3-Pin Microcontroller Power Supply Supervisor
logo
Microchip Technology
TC32M MICROCHIP-TC32M_06 Datasheet
253Kb / 12P
ECONOMONITOR- 3-Pin System Supervisor with Power Supply Monitor and Watchdog
2006
logo
Linear Technology
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
A1 PROs co., Ltd.
IMP809 A1PROS-IMP809 Datasheet
170Kb / 7P
3-Pin Microcontroller Power Supply Supervisor
1998
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com