Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC74
Description  Tiny Serial Digital Thermal Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC74 Datasheet(HTML) 1 Page - Microchip Technology

  TC74_13 Datasheet HTML 1Page - Microchip Technology TC74_13 Datasheet HTML 2Page - Microchip Technology TC74_13 Datasheet HTML 3Page - Microchip Technology TC74_13 Datasheet HTML 4Page - Microchip Technology TC74_13 Datasheet HTML 5Page - Microchip Technology TC74_13 Datasheet HTML 6Page - Microchip Technology TC74_13 Datasheet HTML 7Page - Microchip Technology TC74_13 Datasheet HTML 8Page - Microchip Technology TC74_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21462D-page 1
TC74
Features
• Digital Temperature Sensing in SOT-23-5 or
TO-220 Packages
• Outputs Temperature as an 8-Bit Digital Word
• Simple SMBus/I2C™ Serial Port Interface
• Solid-State Temperature Sensing:
- ±2°C (max.) Accuracy from +25°C to +85°C
- ±3°C (max.) Accuracy from 0°C to +125°C
• Supply Voltage of 2.7V to 5.5V
•Low Power:
- 200 µA (typ.) Operating Current
- 5 µA (typ.) Standby Mode Current
Applications
• Thermal Protection for Hard Disk Drives
and other PC Peripherals
• PC Card Devices for Notebook Computers
• Low Cost Thermostat Controls
• Power Supplies
• Thermistor Replacement
Package Types
General Description
The TC74 is a serially accessible, digital temperature
sensor particularly suited for low cost and small form-
factor applications. Temperature data is converted from
the onboard thermal sensing element and made
available as an 8-bit digital word.
Communication with the TC74 is accomplished via a 2-
wire SMBus/I2C compatible serial port. This bus also
can be used to implement multi-drop/multi-zone
monitoring. The SHDN bit in the CONFIG register can
be used to activate the low power Standby mode.
Temperature resolution is 1°C. Conversion rate is a
nominal 8 samples/sec. During normal operation, the
quiescent current is 200 µA (typ). During standby
operation, the quiescent current is 5 µA (typ).
Small size, low installed cost and ease of use make the
TC74 an ideal choice for implementing thermal
management in a variety of systems.
Functional Block Diagram
TO-220
SOT-23
VDD
GND
12
NC
5
4
SDA
SCLK
TC74
3
1 23 4 5
TC74
Note: The TO-220 tab is connected
to pin 3 (GND)
Internal Sensor
(Diode)
 Modulator
Temperature
Register
Serial Port
Interface
Control
Logic
SDA
SCLK
Tiny Serial Digital Thermal Sensor


Similar Part No. - TC74_13

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC7461S FUMAN-TC7461S Datasheet
228Kb / 4P
16Pin infrared remote control IC
logo
Microchip Technology
TC74A1-33VAT MICROCHIP-TC74A1-33VAT Datasheet
430Kb / 16P
Tiny Serial Digital Thermal Sensor
2002
TC74A1-33VCT MICROCHIP-TC74A1-33VCT Datasheet
430Kb / 16P
Tiny Serial Digital Thermal Sensor
2002
TC74A1-5.0VCT MICROCHIP-TC74A1-5.0VCT Datasheet
430Kb / 16P
Tiny Serial Digital Thermal Sensor
2002
TC74A1-5.0VCT MICROCHIP-TC74A1-5.0VCT Datasheet
325Kb / 16P
Tiny Serial Digital Thermal Sensor
2002
More results

Similar Description - TC74_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74 ONSEMI-MC74 Datasheet
122Kb / 12P
Serial Digital Temperature Sensor
February, 2000 ??Rev. 0
logo
Microchip Technology
TC74 MICROCHIP-TC74 Datasheet
430Kb / 16P
Tiny Serial Digital Thermal Sensor
2002
logo
STMicroelectronics
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
Digital temperature sensor and thermal watchdog
18-Jul-2008
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
Digital temperature sensor and thermal watchdog
17-Jul-2008
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
Digital temperature sensor and thermal watchdog
17-Jul-2008
logo
Microchip Technology
21462C MICROCHIP-21462C Datasheet
325Kb / 16P
Tiny Serial Digital Thermal Sensor
2002
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com