Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC74
Description  Tiny Serial Digital Thermal Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC74 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC74_13 Datasheet HTML 10Page - Microchip Technology TC74_13 Datasheet HTML 11Page - Microchip Technology TC74_13 Datasheet HTML 12Page - Microchip Technology TC74_13 Datasheet HTML 13Page - Microchip Technology TC74_13 Datasheet HTML 14Page - Microchip Technology TC74_13 Datasheet HTML 15Page - Microchip Technology TC74_13 Datasheet HTML 16Page - Microchip Technology TC74_13 Datasheet HTML 17Page - Microchip Technology TC74_13 Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21462D-page 15
TC74
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
XX
XX
Package
Address
Options
Device
Device:
TC74:
Serial Digital Thermal Sensor
Address Options:
A0
= 1001 000
A1
= 1001 001
A2
= 1001 010
A3
= 1001 011
A4
= 1001 100
A5
= 1001 101 *
A6
= 1001 110
A7
= 1001 111
* Default Address
Supply Voltage:
3.3
= Accuracy optimized for 3.3V
5.0
= Accuracy optimized for 5.0V
Operating Temperature:
V = -40°C
 T
A  +125°C
Package:
CTTR = SOT-23-5 (Tape and Reel only)
Examples:
a)
TC74A0-3.3VCTTR: SOT-23 Serial Digital Thermal Sensor
b)
TC74A1-3.3VCTTR: SOT-23 Serial Digital Thermal Sensor
c)
TC74A2-3.3VCTTR: SOT-23 Serial Digital Thermal Sensor
d)
TC74A3-3.3VCTTR: SOT-23 Serial Digital Thermal Sensor
e)
TC74A4-3.3VCTTR: SOT-23 Serial Digital Thermal Sensor
f)
TC74A5-3.3VCTTR: SOT-23 Serial Digital Thermal Sensor *
g)
TC74A6-3.3VCTTR: SOT-23 Serial Digital Thermal Sensor
h)
TC74A7-3.3VCTTR: SOT-23 Serial Digital Thermal Sensor
a)
TC74A0-5.0VCTTR: SOT-23 Serial Digital Thermal Sensor
b)
TC74A1-5.0VCTTR: SOT-23 Serial Digital Thermal Sensor
c)
TC74A2-5.0VCTTR: SOT-23 Serial Digital Thermal Sensor
d)
TC74A3-5.0VCTTR: SOT-23 Serial Digital Thermal Sensor
e)
TC74A4-5.0VCTTR: SOT-23 Serial Digital Thermal Sensor
f)
TC74A5-5.0VCTTR: SOT-23 Serial Digital Thermal Sensor *
g)
TC74A6-5.0VCTTR: SOT-23 Serial Digital Thermal Sensor
h)
TC74A7-5.0VCTTR: SOT-23 Serial Digital Thermal Sensor
* Default Address
-XX
Supply
Voltage
X
Operating
Temperature
Device:
TC74:
Serial Digital Thermal Sensor
Address Options:
A0
= 1001 000
A1
= 1001 001
A2
= 1001 010
A3
= 1001 011
A4
= 1001 100
A5
= 1001 101 *
A6
= 1001 110
A7
= 1001 111
* Default Address
Output Voltage:
3.3 = Accuracy optimized for 3.3V
5.0 = Accuracy optimized for 5.0V
Operating Temperature:
V = -40°C
 T
A  +125°C
Package:
AT
= TO-220-5
Examples:
a)
TC74A0-3.3VAT:
TO-220 Serial Digital Thermal Sensor
b)
TC74A1-3.3VAT:
TO-220 Serial Digital Thermal Sensor
c)
TC74A2-3.3VAT:
TO-220 Serial Digital Thermal Sensor
d)
TC74A3-3.3VAT:
TO-220 Serial Digital Thermal Sensor
e)
TC74A4-3.3VAT:
TO-220 Serial Digital Thermal Sensor
f)
TC74A5-3.3VAT:
TO-220 Serial Digital Thermal Sensor *
g)
TC74A6-3.3VAT:
TO-220 Serial Digital Thermal Sensor
h)
TC74A7-3.3VAT:
TO-220 Serial Digital Thermal Sensor
a)
TC74A0-5.0VAT:
TO-220 Serial Digital Thermal Sensor
b)
TC74A1-5.0VAT:
TO-220 Serial Digital Thermal Sensor
c)
TC74A2-5.0VAT:
TO-220 Serial Digital Thermal Sensor
d)
TC74A3-5.0VAT:
TO-220 Serial Digital Thermal Sensor
e)
TC74A4-5.0VAT:
TO-220 Serial Digital Thermal Sensor
f)
TC74A5-5.0VAT:
TO-220 Serial Digital Thermal Sensor *
g)
TC74A6-5.0VAT:
TO-220 Serial Digital Thermal Sensor
h)
TC74A7-5.0VAT:
TO-220 Serial Digital Thermal Sensor
* Default Address
PART NO.
XX
XX
Package
Address
Options
Device
-XX
Supply
Voltage
X
Operating
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com