Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC622CPA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC622CPA
Description  Low Cost Single Trip Point Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC622CPA Datasheet(HTML) 5 Page - Microchip Technology

  TC622CPA Datasheet HTML 1Page - Microchip Technology TC622CPA Datasheet HTML 2Page - Microchip Technology TC622CPA Datasheet HTML 3Page - Microchip Technology TC622CPA Datasheet HTML 4Page - Microchip Technology TC622CPA Datasheet HTML 5Page - Microchip Technology TC622CPA Datasheet HTML 6Page - Microchip Technology TC622CPA Datasheet HTML 7Page - Microchip Technology TC622CPA Datasheet HTML 8Page - Microchip Technology TC622CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21440D-page 5
TC622/TC624
3.0
DETAILED DESCRIPTION
3.1
Trip Point Programming
When the temperature of the device exceeds the pro-
grammed temperature trip point, TSET, the OUT and
OUT outputs are driven into their active states. The
desired trip point temperature is programmed with a
single external resistor connected between the TSET
input and VCC. The relationship between the resistor
value and the trip point temperature is given by
Equation 3-1.
EQUATION 3-1:
For example, as shown in Figure 3-1, to program the
device to trip at 50°C, the programming resistor is:
FIGURE 3-1:
Programming Resistor
Values vs. Temperature
3.2
Hysteresis
To prevent output “chattering” at the trip point tempera-
ture, the temperature detector in the TC622/TC624 has
2°C hysteresis (see Figure 3-2). The outputs are driven
active when the temperature crosses the set point
determined by the external resistor. As temperature
declines below the set point, the hysteresis action will
hold the outputs true until the temperature drops 2°C
below the threshold.
FIGURE 3-2:
TC622/TC624 Hysteresis
RTRIP = 0.5997 x T
2.1312
Where:
RTRIP = Programming resistor value in Ohms
T = Desired trip temperature in degrees Kelvin.
RTRIP = 0.5997 x ((50 + 273.15)
2.1312) = 133.65 k
TEMPERATURE (°C)
-55
-35
-15
5
25
45
65
85
105
125
50
100
150
200
250
Set Point
Temperature
OUT
(Set Point – 2 Degrees C)
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com