Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC622CPA Datasheet(PDF) 1 Page - Microchip Technology

Part # TC622CPA
Description  Low Cost Single Trip Point Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC622CPA Datasheet(HTML) 1 Page - Microchip Technology

  TC622CPA Datasheet HTML 1Page - Microchip Technology TC622CPA Datasheet HTML 2Page - Microchip Technology TC622CPA Datasheet HTML 3Page - Microchip Technology TC622CPA Datasheet HTML 4Page - Microchip Technology TC622CPA Datasheet HTML 5Page - Microchip Technology TC622CPA Datasheet HTML 6Page - Microchip Technology TC622CPA Datasheet HTML 7Page - Microchip Technology TC622CPA Datasheet HTML 8Page - Microchip Technology TC622CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21440D-page 1
TC622/TC624
Features:
• Temperature Set Point Easily Programs with a
Single External Resistor
• Operates with 2.7V Power Supply (TC624)
• TO-220 Package for Direct Mounting to Heatsink
(TC622XAT) or Standard 8-Pin PDIP and SOIC
Applications:
• Power Supply Over-Temperature Detection
• Consumer Electronics
• Fire/Heat Detection
• UPSs, Amplifiers, Motors
• CPU Thermal Management in PCs
General Description:
The TC622 and TC624 are programmable solid-state
temperature sensors designed to replace mechanical
switches in sensing and control applications. Both
devices integrate the temperature sensor with a
voltage reference and all required detector circuitry.
The desired temperature set point is set by the user
with a single external resistor.
Ambient temperature is sensed and compared to the
programmed set point. The OUT and OUT outputs are
driven to their active state when the measured
temperature exceeds the programmed set point.
The TC622 has a power supply voltage range of 4.5V
to 18.0V while the TC624 operates over a power supply
range of 2.7V to 4.5V. Both devices are usable over a
temperature range of -40°C to +125°C (TC622VXX,
TC624VXX). Both devices feature low supply current
making them suitable for portable applications.
Eight-pin through-hole and surface mount packages
are available. The TC622 is also offered in a 5-pin
TO-220 package.
The TC622 and TC624 are single point temperature
detectors ideal for use in a wide variety of applications.
Device Selection Table
Part Number
Voltage Operation
Package
Ambient Temperature
TC622COA
4.5V to 18V
8-Pin SOIC
0°C to +70°C
TC622CPA
4.5V to 18V
8-Pin PDIP
0°C to +70°C
TC622EAT
4.5V to 18V
5-PinTO-220
-40°C to +85°C
TC622EOA
4.5V to 18V
8-Pin SOIC
-40°C to +85°C
TC622EPA
4.5V to 18V
8-Pin PDIP
-40°C to +85°C
TC622VAT
4.5V to 18V
5-Pin TO-220
-40°C to +125°C
TC622VOA
4.5V to 18V
8-Pin SOIC
-40°C to +125°C
TC622VPA
4.5V to 18V
8-Pin PDIP
-40°C to +125°C
TC624COA
2.7V to 4.5V
8-Pin SOIC
0°C to +70°C
TC624CPA
2.7V to 4.5V
8-Pin PDIP
0°C to +70°C
TC624EOA
2.7V to 4.5V
8-Pin SOIC
-40°C to +85°C
TC624EPA
2.7V to 4.5V
8-Pin PDIP
-40°C to +85°C
TC624VOA
2.7V to 4.5V
8-Pin SOIC
-40°C to +125°C
TC624VPA
2.7V to 4.5V
8-Pin PDIP
-40°C to +125°
Low Cost Single Trip Point Temperature Sensor


Similar Part No. - TC622CPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC622CPA TELCOM-TC622CPA Datasheet
42Kb / 3P
LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC622CPA MICROCHIP-TC622CPA Datasheet
445Kb / 14P
Low Cost Single Trip Point Temperature Sensor
2002
TC622CPA MICROCHIP-TC622CPA Datasheet
294Kb / 14P
Low Cost Single Trip Point Temperature Sensor
2006
More results

Similar Description - TC622CPA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC622 TELCOM-TC622 Datasheet
42Kb / 3P
LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC622 MICROCHIP-TC622 Datasheet
445Kb / 14P
Low Cost Single Trip Point Temperature Sensor
2002
TC623 MICROCHIP-TC623 Datasheet
422Kb / 12P
3V, Dual Trip Point Temperature Sensor
2002
logo
ON Semiconductor
MC642.REV3 ONSEMI-MC642.REV3 Datasheet
65Kb / 5P
3.0 V, Dual Trip Point Temperature Sensor
February, 2003 - Rev. 3
logo
Microchip Technology
TC622 MICROCHIP-TC622_06 Datasheet
294Kb / 14P
Low Cost Single Trip Point Temperature Sensor
2006
TC623 MICROCHIP-TC623_06 Datasheet
239Kb / 12P
3V, Dual Trip Point Temperature Sensor
2006
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
logo
ON Semiconductor
NCT22 ONSEMI-NCT22 Datasheet
96Kb / 8P
Low Cost Single Trip Point Temperature Sensor
June, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com