Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1108 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1108
Description  300mA CMOS LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1108 Datasheet(HTML) 3 Page - Microchip Technology

  TC1108_13 Datasheet HTML 1Page - Microchip Technology TC1108_13 Datasheet HTML 2Page - Microchip Technology TC1108_13 Datasheet HTML 3Page - Microchip Technology TC1108_13 Datasheet HTML 4Page - Microchip Technology TC1108_13 Datasheet HTML 5Page - Microchip Technology TC1108_13 Datasheet HTML 6Page - Microchip Technology TC1108_13 Datasheet HTML 7Page - Microchip Technology TC1108_13 Datasheet HTML 8Page - Microchip Technology TC1108_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 2002-2012 Microchip Technology Inc.
DS21357C-page 3
TC1108
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
3.0
DETAILED DESCRIPTION
The TC1108 is a precision, fixed output LDO. Unlike
bipolar regulators, the TC1108’s supply current does
not increase with load current. In addition, VOUT
remains stable and within regulation over the entire
0mA to IOUTMAX operating load current range, (an
important consideration in RTC and CMOS RAM
battery back-up applications).
Figure 3-1 shows a typical application circuit.
FIGURE 3-1:
TYPICAL APPLICATION
CIRCUIT
3.1
Output Capacitor
A 1
F (min) capacitor from V
OUT to ground is required.
The output capacitor should have an effective series
resistance greater than 0.1
 and less than 5.0. A 1F
capacitor should be connected from VIN to GND if there
is more than 10 inches of wire between the regulator
and the AC filter capacitor, or if a battery is used as the
power source. Aluminum electrolytic or tantalum
capacitor types can be used. (Since many aluminum
electrolytic capacitors freeze at approximately -30°C,
solid tantalums are recommended for applications
operating below -25°C.) When operating from sources
other
than batteries, supply-noise rejection and
transient response can be improved by increasing the
value of the input and output capacitors and employing
passive filtering techniques.
Pin No.
(3-Pin SOT-223)
Symbol
Description
1VIN
Unregulated supply input.
2
GND
Ground terminal.
3VOUT
Regulated voltage output.
C1
1
μF
Battery
TC1108
1
2
3
VIN
VOUT
C2
1
μF
GND
VOUT
+
–
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com