Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1108 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1108
Description  300mA CMOS LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1108 Datasheet(HTML) 1 Page - Microchip Technology

  TC1108_13 Datasheet HTML 1Page - Microchip Technology TC1108_13 Datasheet HTML 2Page - Microchip Technology TC1108_13 Datasheet HTML 3Page - Microchip Technology TC1108_13 Datasheet HTML 4Page - Microchip Technology TC1108_13 Datasheet HTML 5Page - Microchip Technology TC1108_13 Datasheet HTML 6Page - Microchip Technology TC1108_13 Datasheet HTML 7Page - Microchip Technology TC1108_13 Datasheet HTML 8Page - Microchip Technology TC1108_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 2002-2012 Microchip Technology Inc.
DS21357C-page 1
TC1108
Features
• Extremely Low Supply Current (50
A, Typ.)
• Very Low Dropout Voltage
• 300mA Output Current
• High Output Voltage Accuracy
• Standard or Custom Output Voltages
• Over Current and Over Temperature Protection
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers
Device Selection Table
NOTE: xx indicates output voltages
Available Output Voltages: 2.5, 2.8, 3.0, 3.3, 5.0.
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
Package Type
General Description
The TC1108 is a fixed output, high accuracy (typically
±0.5%) CMOS low dropout regulator. Total supply
current is typically 50
A at full load (20 to 60 times
lower than in bipolar regulators).
TC1108 key features include ultra low noise operation,
very low dropout voltage (typically 240mV at full load),
and fast response to step changes in load.
The TC1108 incorporates both over temperature and
over current protection. The TC1108 is stable with an
output capacitor of only 1
F and has a maximum
output current of 300mA. It is available in a SOT-223
package.
Typical Application
Part Number
Package
Junction
Temp. Range
TC1108-xxVDB
3-Pin SOT-223
-40°C to +125°C
SOT-223
3
2
1
VOUT
GND
VIN
TC1108VDB
TC1108
1
2
3
VIN
VOUT
C1
1
μF
GND
VOUT
VIN
+
300mA CMOS LDO


Similar Part No. - TC1108_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1108-25VDB MICROCHIP-TC1108-25VDB Datasheet
430Kb / 12P
300mA CMOS LDO
2002
TC1108-28VDB MICROCHIP-TC1108-28VDB Datasheet
430Kb / 12P
300mA CMOS LDO
2002
TC1108-3.3VDBTR MICROCHIP-TC1108-3.3VDBTR Datasheet
197Kb / 12P
300mA CMOS LDO
10/26/12
TC1108-30VDB MICROCHIP-TC1108-30VDB Datasheet
430Kb / 12P
300mA CMOS LDO
2002
TC1108-33VDB MICROCHIP-TC1108-33VDB Datasheet
430Kb / 12P
300mA CMOS LDO
2002
More results

Similar Description - TC1108_13

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
300mA CMOS LDO
logo
Microchip Technology
TC1108 MICROCHIP-TC1108 Datasheet
430Kb / 12P
300mA CMOS LDO
2002
logo
List of Unclassifed Man...
CM2830 ETC-CM2830 Datasheet
526Kb / 15P
300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
300mA CMOS LDO
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
300mA CMOS LDO
logo
Analog Microelectronics
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
300mA CMOS LDO
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
300mA CMOS LDO
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com