Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1173 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1173
Description  300mA CMOS LDO with Shutdown ERROR Output and Bypass
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1173 Datasheet(HTML) 1 Page - Microchip Technology

  TC1173_13 Datasheet HTML 1Page - Microchip Technology TC1173_13 Datasheet HTML 2Page - Microchip Technology TC1173_13 Datasheet HTML 3Page - Microchip Technology TC1173_13 Datasheet HTML 4Page - Microchip Technology TC1173_13 Datasheet HTML 5Page - Microchip Technology TC1173_13 Datasheet HTML 6Page - Microchip Technology TC1173_13 Datasheet HTML 7Page - Microchip Technology TC1173_13 Datasheet HTML 8Page - Microchip Technology TC1173_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2002-2012 Microchip Technology Inc.
DS21362C-page 1
TC1173
Features
• Extremely Low Supply Current for Longer Battery Life
• Very Low Dropout Voltage
• 300mA Output Current
• Standard or Custom Output Voltages
• ERROR Output Can Be Used as a Low Battery
Detector or Processor Reset Generator
• Power Saving Shutdown Mode
• Bypass Input for Ultra Quiet Operation
• Over Current and Over Temperature Protection
• Space-Saving MSOP Package Option
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers
Device Selection Table
NOTE: xx indicates output voltages
Available Output Voltages: 2.5, 2.8, 3.0, 3.3, 5.0.
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
General Description
The TC1173 is a precision output (typically ±0.5%)
CMOS low dropout regulator. Total supply current is
typically 50
A at full load (20 to 60 times lower than in
bipolar regulators).
TC1173 key features include ultra low noise operation
(plus optional Bypass input); very low dropout voltage
(typically 240mV at full load) and internal feed-forward
compensation for fast response to step changes in
load. An error output (ERROR) is asserted when the
TC1173 is out-of-regulation (due to a low input voltage
or excessive output current). ERROR can be set as a
low battery warning or as a processor RESET signal
(with the addition of an external RC network). Supply
current is reduced to 0.05
A (typical) and VOUT and
ERROR fall to zero when the shutdown input is low.
The TC1173 incorporates both over temperature and
over current protection. The TC1173 is stable with an
output capacitor of only 1
F and has a maximum
output current of 300mA.
Typical Application
Package Type
Part Number
Package
Junction
Temp. Range
TC1173-xxVOA
8-Pin SOIC
-40°C to +125°C
TC1173-xxVUA
8-Pin MSOP
-40°C to +125°C
TC1173
1
2
3
45
6
7
8
VOUT
VOUT
CBYPASS
470pF
(Optional)
Shutdown Control
(from Power Control Logic)
C1
1
μF
GND
NC
Bypass
VIN
VIN
NC
SHDN
+
ERROR
R3
1M
ERROR
8-Pin SOIC
1
2
3
4
VIN
5
6
7
8
NC
VOUT
GND
NC
Bypass
TC1173VOA
8-Pin MSOP
1
2
3
4
VIN
5
6
7
8
NC
VOUT
GND
NC
Bypass
SHDN
TC1173VUA
ERROR
SHDN
ERROR
300mA CMOS LDO with Shutdown ERROR Output and Bypass


Similar Part No. - TC1173_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1173-2.5VOA TELCOM-TC1173-2.5VOA Datasheet
54Kb / 7P
300mA CMOS LDO with Shutdown, ERROR Output and Bypass
TC1173-2.5VUA TELCOM-TC1173-2.5VUA Datasheet
54Kb / 7P
300mA CMOS LDO with Shutdown, ERROR Output and Bypass
TC1173-2.8VOA TELCOM-TC1173-2.8VOA Datasheet
54Kb / 7P
300mA CMOS LDO with Shutdown, ERROR Output and Bypass
TC1173-2.8VUA TELCOM-TC1173-2.8VUA Datasheet
54Kb / 7P
300mA CMOS LDO with Shutdown, ERROR Output and Bypass
TC1173-3.0VOA TELCOM-TC1173-3.0VOA Datasheet
54Kb / 7P
300mA CMOS LDO with Shutdown, ERROR Output and Bypass
More results

Similar Description - TC1173_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
TC1173 TELCOM-TC1173 Datasheet
54Kb / 7P
300mA CMOS LDO with Shutdown, ERROR Output and Bypass
logo
Microchip Technology
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com