Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1224 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1224
Description  50mA and 100mA CMOS LDOs with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1224 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1224 Datasheet HTML 4Page - Microchip Technology TC1224 Datasheet HTML 5Page - Microchip Technology TC1224 Datasheet HTML 6Page - Microchip Technology TC1224 Datasheet HTML 7Page - Microchip Technology TC1224 Datasheet HTML 8Page - Microchip Technology TC1224 Datasheet HTML 9Page - Microchip Technology TC1224 Datasheet HTML 10Page - Microchip Technology TC1224 Datasheet HTML 11Page - Microchip Technology TC1224 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC1223/TC1224
DS21368C-page 8
 2002-2012 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
VOUT
VSHDN
Measure Rise Time of 3.3V LDO
Conditions: CIN = 1μF, COUT = 1μF, ILOAD = 100mA, VIN = 4.3V,
Temp = 25
°C, Fall Time = 184μS
VSHDN
Measure Rise Time of 5.0V LDO
Conditions: CIN = 1μF, COUT = 1μF, ILOAD = 100mA, VIN = 6V,
Temp = 25
°C, Fall Time = 192μS
VOUT
Thermal Shutdown Response of 5.0V LDO
Conditions: VIN = 6V, CIN = 0μF, COUT = 1μF
ILOAD was increased until temperature of die reached about 160°C, at
which time integrated thermal protection circuitry shuts the regulator
off when die temperature exceeds approximately 160
°C. The regulator
remains off until die temperature drops to approximately 150
°C.
VOUT
Measure Fall Time of 3.3V LDO
Conditions: CIN = 1μF, COUT = 1μF, ILOAD = 100mA, VIN = 4.3V,
Temp = 25
°C, Fall Time = 52μS
VOUT
VSHDN
Measure Fall Time of 5.0V LDO
Conditions: CIN = 1μF, COUT = 1μF, ILOAD = 100mA, VIN = 6V,
Temp = 25
°C, Fall Time = 88μS
VOUT
VSHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com