Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1224 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1224
Description  50mA and 100mA CMOS LDOs with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1224 Datasheet(HTML) 1 Page - Microchip Technology

  TC1224 Datasheet HTML 1Page - Microchip Technology TC1224 Datasheet HTML 2Page - Microchip Technology TC1224 Datasheet HTML 3Page - Microchip Technology TC1224 Datasheet HTML 4Page - Microchip Technology TC1224 Datasheet HTML 5Page - Microchip Technology TC1224 Datasheet HTML 6Page - Microchip Technology TC1224 Datasheet HTML 7Page - Microchip Technology TC1224 Datasheet HTML 8Page - Microchip Technology TC1224 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2002-2012 Microchip Technology Inc.
DS21368C-page 1
TC1223/TC1224
Features
• Extremely Low Ground Current for Longer Battery
Life
• Very Low Dropout Voltage
• Choice of 50mA and 100mA Output (TC1223,
TC1224, Respectively)
• High Output Voltage Accuracy
• Standard or Custom Output Voltages
• Power Saving Shutdown Mode
• Over Current and Over Temperature Protection
• Space-Saving 5-Pin SOT-23A Package
• Pin Compatible Upgrades for Bipolar Regulators
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers
Device Selection Table
NOTE: xx indicates output voltages
Available Output Voltages: 2.5, 2.7, 2.8, 2.85, 3.0, 3.3, 3.6,
4.0, 5.0.
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
Package Type
General Description
The TC1223 and TC1224 are high accuracy (typically
±0.5%) CMOS upgrades for older (bipolar) low dropout
regulators such as the LP2980. Designed specifically
for battery-operated systems, the devices’ CMOS
construction
eliminates
wasted
ground
current,
significantly extending battery life. Total supply current
is typically 50
A at full load (20 to 60 times lower than
in bipolar regulators).
The devices’ key features include ultra low noise
operation; very low dropout voltage (typically 85mV,
TC1223 and 180mV, TC1224 at full load) and fast
response to step changes in load. Supply current is
reduced to 0.5
A (max) and V
OUT falls to zero when
the shutdown input is low. The devices incorporate both
over temperature and over current protection.
The TC1223 and TC1224 are stable with an output
capacitor of only 1
F and have a maximum output
current of 50mA and 100mA respectively. For higher
output current versions, please see the TC1107,
TC1108 and TC1173 (IOUT = 300mA) data sheets.
Typical Application
Part Number
Package
Junction
Temp. Range
TC1223-xxVCT
5-Pin SOT-23A
-40°C to +125°C
TC1224-xxVCT
5-Pin SOT-23A
-40°C to +125°C
5-Pin SOT-23A
SHDN
5
TC1223
TC1224
13
4
2
VIN
VOUT
GND
NC
NOTE: 5-Pin SOT-23A is equivalent to the EIAJ (SC-74A)
TC1223
TC1224
VOUT
SHDN
GND
NC
1
μF
+
VIN
VIN
VOUT
1
5
2
4
3
Shutdown Control
(from Power Control Logic)
50mA and 100mA CMOS LDOs with Shutdown


Similar Part No. - TC1224

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1224 MICROCHIP-TC1224 Datasheet
463Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
05/01/02
TC1224-50VCTTR MICROCHIP-TC1224-50VCTTR Datasheet
463Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
05/01/02
TC1224-VCT MICROCHIP-TC1224-VCT Datasheet
463Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
05/01/02
TC1224-XXVCT MICROCHIP-TC1224-XXVCT Datasheet
476Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
2002
More results

Similar Description - TC1224

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1070 MICROCHIP-TC1070 Datasheet
495Kb / 16P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC1073 MICROCHIP-TC1073 Datasheet
564Kb / 20P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1223 MICROCHIP-TC1223 Datasheet
476Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
2002
TC1072-25VCH713 MICROCHIP-TC1072-25VCH713 Datasheet
658Kb / 22P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1224-50VCTTR MICROCHIP-TC1224-50VCTTR Datasheet
463Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com