Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1232EOA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1232EOA
Description  Microprocessor Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1232EOA Datasheet(HTML) 3 Page - Microchip Technology

  TC1232EOA Datasheet HTML 1Page - Microchip Technology TC1232EOA Datasheet HTML 2Page - Microchip Technology TC1232EOA Datasheet HTML 3Page - Microchip Technology TC1232EOA Datasheet HTML 4Page - Microchip Technology TC1232EOA Datasheet HTML 5Page - Microchip Technology TC1232EOA Datasheet HTML 6Page - Microchip Technology TC1232EOA Datasheet HTML 7Page - Microchip Technology TC1232EOA Datasheet HTML 8Page - Microchip Technology TC1232EOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2002-2012 Microchip Technology Inc.
Preliminary
DS21370D-page 3
TC1232
FIGURE 1-1:
Rise Time, Fall Time and Reset Detected to Reset Active Timing Waveforms.
AC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = TMIN to TMAX; VCC = +4.0V to 5.5V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
VCC Fall Time
tF
10
—
—
µs
Note 1
VCC Rise Time
tR
0—
—
µs
Note 1
VCC Trip Point Detected
to RST High and RST Low
tRPD
—
—
100
ns
VCC falling
VCC Trip Point Detected
to RST High and RST Open
tRPU
250
610
1000
ms
VCC rising (Note 2)
Note 1:
Ensured by design.
2:
tR = 5 µs.
+4.75V
tF
VCC
+4.25V
tR
VCC
+4.25V
+4.75V
VCC = 5V
+4.5V (5% Trip Point)
+4.25V (10% Trip Point)
RST
RST
VOL
VOH
tRPD
VCC
4.6V (5% Trip Point)
4.5V(10% Trip Point)
RST
RST
VOL
VOH
tRPU
Determined by
external Pull-up
resistor
Determined by
external Pull-up
resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com