Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1232EOA Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1232EOA
Description  Microprocessor Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1232EOA Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1232EOA Datasheet HTML 4Page - Microchip Technology TC1232EOA Datasheet HTML 5Page - Microchip Technology TC1232EOA Datasheet HTML 6Page - Microchip Technology TC1232EOA Datasheet HTML 7Page - Microchip Technology TC1232EOA Datasheet HTML 8Page - Microchip Technology TC1232EOA Datasheet HTML 9Page - Microchip Technology TC1232EOA Datasheet HTML 10Page - Microchip Technology TC1232EOA Datasheet HTML 11Page - Microchip Technology TC1232EOA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TC1232
DS21370D-page 8
Preliminary
 2002-2012 Microchip Technology Inc.
4.2
Push Button Reset Input
The debounced manual reset input (PB RST) manually
forces the reset outputs into their active states.
Figure 4-5 shows a block diagram for using the
TC1232 with a push button switch.
Once PB RST has been low for a time tPBD (the push-
button delay time), the reset outputs go active. The
reset outputs remain in their active states for a
minimum of 250 ms after PB RST rises above VIH.
Figure 4-6 shows a waveform for the push button
switch input and the reset pins output.
A mechanical push button or active logic signal can
drive the PB RST input. The debounced input ignores
input pulses less than 1 ms and recognizes pulses of
20 ms or greater. No external pull-up resistor is
required because the PB RST input has an internal
pull-up to VCC of approximately 100 µA.
FIGURE 4-5:
Push Button Reset and
Watchdog Timer.
FIGURE 4-6:
Push Button Reset –
PB RST Input.
VCC
TOL
PB RST
GND
RST
ST
I/O
Reset
+5V
TC1232
TD
Microprocessor
RST
VIL
tPB
RST
tPBD
VIH
tRST
PB RST
The debounced PB RST input ignores input pulses less
than 1 ms and is designed to recognize pulses of
20 ms or greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com