Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1269 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1269
Description  300mA CMOS LDO with Shutdown and VREF Bypass
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1269 Datasheet(HTML) 1 Page - Microchip Technology

  TC1269_13 Datasheet HTML 1Page - Microchip Technology TC1269_13 Datasheet HTML 2Page - Microchip Technology TC1269_13 Datasheet HTML 3Page - Microchip Technology TC1269_13 Datasheet HTML 4Page - Microchip Technology TC1269_13 Datasheet HTML 5Page - Microchip Technology TC1269_13 Datasheet HTML 6Page - Microchip Technology TC1269_13 Datasheet HTML 7Page - Microchip Technology TC1269_13 Datasheet HTML 8Page - Microchip Technology TC1269_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 2002-2012 Microchip Technology Inc.
DS21380C-page 1
TC1269
Features
• Very Low Ground Current for Longer Battery Life
• Very Low Dropout Voltage
• 300mA Output Circuit
• High Output Voltage Accuracy
• Standard or Custom Output Voltages
• Power Saving Shutdown Mode
• Bypass Input for Ultra Quiet Operation
• Over Current and Over Temperature Protection
• Space-Saving MSOP Package
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulator for SMPS
• Pagers
•Digital Cameras
Device Selection Table
*Other output voltages are available. Please contact Microchip
Technology Inc. for details.
Package Type
General Description
The TC1269 is a fixed output, high accuracy (typically
±0.5%) CMOS upgrade for older (bipolar) low dropout
regulators. Total supply current is typically 50
A at full
load (20 to 60 times lower than in bipolar regulators).
TC1269 key features include ultra low noise operation
(plus optional Bypass input); very low dropout voltage
(typically 240mV at full load), and fast response to step
changes in load. Supply current is reduced to 0.05
A
(typical) and VOUT falls to zero when the shutdown
input is low.
The TC1269 incorporates both over temperature and
over current protection. The TC1269 is stable with an
output capacitor of only 1
F and has a maximum
output current of 300mA.
Typical Application
Part Number
Output*
Voltage
(V)
Package
Junction
Temp. Range
TC1269-2.5VUA
2.5
8-Pin MSOP -40°C to +125°C
TC1269-2.8VUA
2.8
8-Pin MSOP -40°C to +125°C
TC1269-3.0VUA
3.0
8-Pin MSOP -40°C to +125°C
TC1269-3.3VUA
3.3
8-Pin MSOP -40°C to +125°C
TC1269-5.0VUA
5.0
8-Pin MSOP -40°C to +125°C
8-Pin MSOP
VIN
SHDN
Bypass
VOUT
NC
NC
GND
NC
TC1269
1
2
3
45
6
7
8
TC1269
1
2
3
4
6
7
8
VOUT
VOUT
CBYPASS
470pF
(Optional)
Shutdown Control
(from Power
Control Logic)
C1
1
µF
NC
NC
GND
Bypass
VIN
VIN
NC
SHDN
+
300mA CMOS LDO with Shutdown and VREF Bypass


Similar Part No. - TC1269_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1269-25VUA MICROCHIP-TC1269-25VUA Datasheet
432Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269-28VUA MICROCHIP-TC1269-28VUA Datasheet
432Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269-30VUA MICROCHIP-TC1269-30VUA Datasheet
432Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269-33VUA MICROCHIP-TC1269-33VUA Datasheet
432Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269-50VUA MICROCHIP-TC1269-50VUA Datasheet
432Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
More results

Similar Description - TC1269_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
TC1173 TELCOM-TC1173 Datasheet
54Kb / 7P
300mA CMOS LDO with Shutdown, ERROR Output and Bypass
logo
Microchip Technology
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1173 MICROCHIP-TC1173_13 Datasheet
217Kb / 14P
300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com