Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1302A Datasheet(PDF) 13 Page - Microchip Technology

Part # TC1302A
Description  Low Quiescent Current Dual Output LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1302A Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC1302A_13 Datasheet HTML 9Page - Microchip Technology TC1302A_13 Datasheet HTML 10Page - Microchip Technology TC1302A_13 Datasheet HTML 11Page - Microchip Technology TC1302A_13 Datasheet HTML 12Page - Microchip Technology TC1302A_13 Datasheet HTML 13Page - Microchip Technology TC1302A_13 Datasheet HTML 14Page - Microchip Technology TC1302A_13 Datasheet HTML 15Page - Microchip Technology TC1302A_13 Datasheet HTML 16Page - Microchip Technology TC1302A_13 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
 2003-2012 Microchip Technology Inc.
DS21333C-page 13
TC1302A/B
5.9
TC1302A SHDN2 Timing
VOUT1 will rise independent of the level of SHDN2 for
the TC1302A. Figure 5-1 is used to define the wake-up
time from shutdown (tWK) and the settling time (tS). The
wake-up time is dependant upon the frequency of
operation. The faster the SHDN pin is pulsed, the
shorter the wake-up time will be.
FIGURE 5-1:
TC1302A Timing.
5.10
TC1302B SHDN1/SHDN2 Timing
For the TC1302B, the SHDN1 input pin is used to
control VOUT1. The SHDN2 input pin is used to control
VOUT2, independent of the logic input on SHDN1.
FIGURE 5-2:
TC1302B Timing.
5.11
Device Protection
5.11.1
OVERCURRENT LIMIT
In the event of a faulted output load, the maximum
current the LDO output will permit to flow is limited
internally for each of the TC1302A/B outputs. The peak
current limit for VOUT1 is typically 1.1A, while the peak
current limit for VOUT2 is typically 0.5A. During short-
circuit operation, the average current is limited to
200 mA for VOUT1 and 140 mA for VOUT2.
5.11.2
OVERTEMPERATURE
PROTECTION
If the internal power dissipation within the TC1302A/B
is excessive due to a faulted load or higher-than-
specified line voltage, an internal temperature-sensing
element will prevent the junction temperature from
exceeding
approximately
150°C.
If
the
junction
temperature does reach 150°C, both outputs will be
disabled until the junction temperature cools to
approximately 140°C and the device resumes normal
operation. If the internal power dissipation continues to
be excessive, the device will again shut off.
VIN
SHDN2
VOUT1
VOUT2
twk
ts
SHDN2
SHDN1
VIN
VOUT1
twk
ts
VOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com