Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1302A Datasheet(PDF) 16 Page - Microchip Technology

Part # TC1302A
Description  Low Quiescent Current Dual Output LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1302A Datasheet(HTML) 16 Page - Microchip Technology

Back Button TC1302A_13 Datasheet HTML 12Page - Microchip Technology TC1302A_13 Datasheet HTML 13Page - Microchip Technology TC1302A_13 Datasheet HTML 14Page - Microchip Technology TC1302A_13 Datasheet HTML 15Page - Microchip Technology TC1302A_13 Datasheet HTML 16Page - Microchip Technology TC1302A_13 Datasheet HTML 17Page - Microchip Technology TC1302A_13 Datasheet HTML 18Page - Microchip Technology TC1302A_13 Datasheet HTML 19Page - Microchip Technology TC1302A_13 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
TC1302A/B
DS21333C-page 16
 2003-2012 Microchip Technology Inc.
7.0
TYPICAL LAYOUT
FIGURE 7-1:
MSOP8 Silk-screen Layer.
When designing the physical layout for the TC1302A/B,
the highest priority should be placed on positioning the
input and output capacitors as close to the device pins
as is practical. Figure 7-1 above represents a typical
placement of the components when using the SMT0805
capacitors.
FIGURE 7-2:
DFN3x3 Silk-screen
Example.
Figure 7-2 above represents a typical placement of the
components when using the SMT0603 capacitors.
8.0
ADDITIONAL OUTPUT
VOLTAGES
8.1
Output Voltage Options
Table 8-1 describes the range of output voltage options
available for the TC1302A/B. VOUT1 and VOUT2 can be
factory preset from 1.5V to 3.3V in 100 mV increments.
TABLE 8-1:
CUSTOM OUTPUT
VOLTAGES
For a listing of TC1302A/B standard parts, refer to the
Product Identification System on page 23.
VOUT1
VOUT2
1.5V to 3.3V
1.5V to 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com