Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1320 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1320
Description  8-Bit Digital-to-Analog Converter with Two-Wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1320 Datasheet(HTML) 1 Page - Microchip Technology

  TC1320_13 Datasheet HTML 1Page - Microchip Technology TC1320_13 Datasheet HTML 2Page - Microchip Technology TC1320_13 Datasheet HTML 3Page - Microchip Technology TC1320_13 Datasheet HTML 4Page - Microchip Technology TC1320_13 Datasheet HTML 5Page - Microchip Technology TC1320_13 Datasheet HTML 6Page - Microchip Technology TC1320_13 Datasheet HTML 7Page - Microchip Technology TC1320_13 Datasheet HTML 8Page - Microchip Technology TC1320_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2002-2012 Microchip Technology Inc.
DS21386C-page 1
TC1320
Features
• 8-bit Digital-to-Analog Converter
• ±2 LSB INL
• ±0.8 LSB DNL
• 2.7-5.5V Single Supply Operation
• Simple SMBus/I2CTM Serial Interface
•Low Power: 350
A Operation, 0.5A Shutdown
• 8-Pin SOIC and 8-Pin MSOP Packages
Applications
• Programmable Voltage Sources
• Digital Controlled Amplifiers/Attenuators
• Process Monitoring and Control
Device Selection Table
General Description
The TC1320 is a serially accessible 8-bit voltage output
digital-to-analog converter (DAC). The DAC produces
an output voltage that ranges from ground to an exter-
nally supplied reference voltage. It operates from a sin-
gle power supply that can range from 2.7V to 5.5V,
making it ideal for a wide range of applications. Built
into the part is a Power-on Reset function that ensures
that the device starts at a known condition.
Communication with the TC1320 is accomplished via a
simple 2-wire SMBus/I2C™ compatible serial port with
the TC1320 acting as a slave only device. The host can
enable the SHDN bit in the CONFIG register to activate
the Low Power Standby mode.
Package Type
Typical Application
Part
Number
Package
Temperature
Range
TC1320EOA
8-Pin SOIC (Narrow)
-40°C to +85°C
TC1320EUA
8-Pin MSOP
-40°C to +85°C
GND
SDA
VREF
SCL
NC
VOUT
VDD
DAC-OUT
1
8
27
36
45
TC1320
8-Pin MSOP and
8-Pin SOIC (Narrow)
Microcontroller
Serial Port
SDAT
SCLK
VIN
VADJUST
VDD
(1)
(8)
(3)
(2)
DAC
VREF
(5)
VOUT
TC1320
+
–
(2)
8-Bit Digital-to-Analog Converter with Two-Wire Interface


Similar Part No. - TC1320_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1320EOA MICROCHIP-TC1320EOA Datasheet
442Kb / 14P
8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1320EUA MICROCHIP-TC1320EUA Datasheet
442Kb / 14P
8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
More results

Similar Description - TC1320_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1321 MICROCHIP-TC1321 Datasheet
446Kb / 16P
10-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1322 MICROCHIP-TC1322 Datasheet
445Kb / 16P
12-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Microchip Technology
TC1320 MICROCHIP-TC1320 Datasheet
442Kb / 14P
8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
8 BIT ANALOG TO DIGITAL CONVERTER
logo
Microchip Technology
TC1322 MICROCHIP-TC1322_05 Datasheet
316Kb / 16P
12-Bit Digital-to-Analog Converter with Two-Wire Interface
2005
logo
Texas Instruments
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
8-BIT ANALOG-TO-DIGITAL CONVERTER
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Shenzhen Titan Micro El...
TM7707 TITAN-TM7707 Datasheet
1Mb / 46P
Two-bIt digital analog converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com