Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1412 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1412
Description  2A High-Speed MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1412 Datasheet(HTML) 1 Page - Microchip Technology

  TC1412_13 Datasheet HTML 1Page - Microchip Technology TC1412_13 Datasheet HTML 2Page - Microchip Technology TC1412_13 Datasheet HTML 3Page - Microchip Technology TC1412_13 Datasheet HTML 4Page - Microchip Technology TC1412_13 Datasheet HTML 5Page - Microchip Technology TC1412_13 Datasheet HTML 6Page - Microchip Technology TC1412_13 Datasheet HTML 7Page - Microchip Technology TC1412_13 Datasheet HTML 8Page - Microchip Technology TC1412_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21391D-page 1
TC1412/TC1412N
Features
• Latch-Up Protected: Will Withstand 500 mA
Reverse Current
• Input Will Withstand Negative Inputs Up to 5V
• ESD Protected: 4 kV
• High Peak Output Current: 2A
• Wide Input Supply Voltage Operating Range:
- 4.5V to 16V
• High Capacitive Load Drive Capability:
- 1000 pF in 18 nsec
• Short Delay Time: 35 nsec Typ.
• Matched Delay Times
• Low Supply Current:
-
With Logic ‘1’ Input: 500 µA
-
With Logic ‘0’ Input: 100 µA
• Low Output Impedance: 4
• Available in Space-Saving 8-pin MSOP Package
• Pinout Same as TC1410/TC1411/TC1413
Applications
• Switch Mode Power Supplies
• Pulse Transformer Drive
• Line Drivers
• Relay Driver
Package Type
General Description
The TC1412/TC1412N are 2A CMOS buffers/drivers.
They will not latch-up under any conditions within their
power and voltage ratings. They are not subject to
damage when up to 5V of noise spiking of either
polarity occurs on the ground pin. They can accept,
without damage or logic upset, up to 500 mA of current
of either polarity being forced back into their output. All
terminals are fully protected against up to 4 kV of
electrostatic discharge.
As MOSFET drivers, the TC1412/TC1412N can easily
charge a 1000 pF gate capacitance in 18 nsec with
matched rise and fall times, and provide low enough
impedance in both the ON and the OFF states to
ensure the MOSFET’s intended state will not be
affected, even by large transients. The leading and
trailing edge propagation delay times are also matched
to allow driving short-duration inputs with greater
accuracy.
2
6,7
Inverting
8-Pin MSOP/PDIP/SOIC
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
NC
GND
OUT
TC1412
NC = No Internal Connection
2
6,7
Non-Inverting
1
2
3
45
6
7
8
TC1412N
VDD
IN
NC
GND
VDD
OUT
GND
OUT
NOTE: Duplicate pins must be connected together
for proper operation.
2A High-Speed MOSFET Drivers


Similar Part No. - TC1412_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1412 MICROCHIP-TC1412_15 Datasheet
819Kb / 24P
2A High-Speed MOSFET Drivers
01/27/15
More results

Similar Description - TC1412_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412 MICROCHIP-TC1412 Datasheet
434Kb / 14P
2A High-Speed MOSFET Drivers
2002
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
logo
Microchip Technology
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
2A High-Speed MOSFET Drivers
2003
logo
Maxim Integrated Produc...
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
2A High-Speed MOSFET Drivers
03/25/03
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
High Speed MOSFET Drivers
logo
Microchip Technology
TC1412 MICROCHIP-TC1412_15 Datasheet
819Kb / 24P
2A High-Speed MOSFET Drivers
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com