Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1413 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1413
Description  3A High-Speed MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1413 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1413_13 Datasheet HTML 3Page - Microchip Technology TC1413_13 Datasheet HTML 4Page - Microchip Technology TC1413_13 Datasheet HTML 5Page - Microchip Technology TC1413_13 Datasheet HTML 6Page - Microchip Technology TC1413_13 Datasheet HTML 7Page - Microchip Technology TC1413_13 Datasheet HTML 8Page - Microchip Technology TC1413_13 Datasheet HTML 9Page - Microchip Technology TC1413_13 Datasheet HTML 10Page - Microchip Technology TC1413_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21392D-page 7
TC1413/TC1413N
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Supply Input (VDD)
The VDD input is the bias supply for the MOSFET driver
and is rated for 4.5V to 16V with respect to the ground
pin. The VDD input should be bypassed to ground with
a local ceramic capacitor. The value of the capacitor
should be chosen based on the capacitive load that is
being driven. A value of 1.0 µF is suggested.
3.2
Control Input (INPUT)
The MOSFET driver input is a high-impedance,
TTL/CMOS-compatible input. The input has 300 mV of
hysteresis between the high and low thresholds which
prevents output glitching even when the rise and fall
time of the input signal is very slow.
3.3
CMOS Push-Pull Output
(OUTPUT)
The MOSFET driver output is a low-impedance, CMOS
push-pull style output, capable of driving a capacitive
load with 3A peak currents.
3.4
Ground (GND)
The ground pins are the return path for the bias current
and for the high peak currents that discharge the load
capacitor. The ground pins should be tied into a ground
plane or have very short traces to the bias supply
source return.
3.5
No Connect (NC)
No internal connection.
Pin
No.
Symbol
Description
1VDD
Supply input, 4.5V to 16V
2
INPUT
Control input
3
NC
No connection
4
GND
Ground
5
GND
Ground
6
OUTPUT CMOS push-pull output,
common to pin 7
7
OUTPUT CMOS push-pull output,
common to pin 6
8VDD
Supply input, 4.5V to 16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com