Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1413 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1413
Description  3A High-Speed MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1413 Datasheet(HTML) 1 Page - Microchip Technology

  TC1413_13 Datasheet HTML 1Page - Microchip Technology TC1413_13 Datasheet HTML 2Page - Microchip Technology TC1413_13 Datasheet HTML 3Page - Microchip Technology TC1413_13 Datasheet HTML 4Page - Microchip Technology TC1413_13 Datasheet HTML 5Page - Microchip Technology TC1413_13 Datasheet HTML 6Page - Microchip Technology TC1413_13 Datasheet HTML 7Page - Microchip Technology TC1413_13 Datasheet HTML 8Page - Microchip Technology TC1413_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21392D-page 1
TC1413/TC1413N
Features
• Latch-Up Protected: Will Withstand 500 mA
Reverse Current
• Input Will Withstand Negative Inputs Up to 5V
• ESD Protected: 4 kV
• High Peak Output Current: 3A
• Wide Input Supply Voltage Operating Range:
- 4.5V to 16V
• High Capacitive Load Drive Capability:
- 1800 pF in 20 nsec
• Short Delay Time: 35 nsec Typ
• Matched Delay Times
• Low Supply Current
-
With Logic ‘1’ Input: 500 µA
-
With Logic ‘0’ Input: 100 µA
• Low Output Impedance: 2.7
• Available in Space-Saving 8-pin MSOP Package
• Pinout Same as TC1410/TC1411/TC1412
Applications
• Switch Mode Power Supplies
• Line Drivers
• Pulse Transformer Drive
• Relay Driver
Package Type
General Description
The TC1413/TC1413N are 3A CMOS buffers/drivers.
They will not latch-up under any conditions within their
power and voltage ratings. They are not subject to
damage when up to 5V of noise spiking of either
polarity occurs on the ground pin. They can accept,
without damage or logic upset, up to 500 mA of current
of either polarity being forced back into their output. All
terminals are fully protected against up to 4 kV of
electrostatic discharge.
As MOSFET drivers, the TC1413/TC1413N can easily
charge an 1800 pF gate capacitance in 20 nsec with
matched rise and fall times, and provide low enough
impedance in both the ON and the OFF states to
ensure the MOSFET’s intended state will not be
affected, even by large transients. The leading and
trailing edge propagation delay times are also matched
to allow driving short-duration inputs with greater
accuracy.
2
6,7
Inverting
8-Pin MSOP/PDIP/SOIC
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
NC
GND
OUT
TC1413
NC = No Internal Connection
2
6,7
Non-Inverting
1
2
3
45
6
7
8
TC1413N
VDD
IN
NC
GND
VDD
OUT
GND
OUT
NOTE: Duplicate pins must be connected together
for proper operation.
3A High-Speed MOSFET Drivers


Similar Part No. - TC1413_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1413 MICROCHIP-TC1413_15 Datasheet
824Kb / 24P
3A High-Speed MOSFET Drivers
01/27/15
More results

Similar Description - TC1413_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1413 TELCOM-TC1413 Datasheet
68Kb / 5P
3A HIGH-SPEED MOSFET DRIVERS
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC1413 MICROCHIP-TC1413 Datasheet
439Kb / 14P
3A High-Speed MOSFET Drivers
2002
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Microchip Technology
TC1413 MICROCHIP-TC1413_03 Datasheet
345Kb / 16P
3A High-Speed MOSFET Drivers
2003
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC1413 MICROCHIP-TC1413_15 Datasheet
824Kb / 24P
3A High-Speed MOSFET Drivers
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com