Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5413 Datasheet(PDF) 1 Page - 3M Electronics

Part # 5413
Description  A tape consisting of a Kapton® polyimide film and silicone adhesive designed for high temperature applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5413 Datasheet(HTML) 1 Page - 3M Electronics

  5413 Datasheet HTML 1Page - 3M Electronics 5413 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
Polyimide Film Tape
5413
Product Description
A tape consisting of a Kapton® polyimide film and silicone adhesive designed for
high temperature applications.
Typical Physical
Properties and
Performance
Characteristics
General Information
• At room temperature, the properties of Kapton® and polyimide polyester films are
similar. However, as the temperature increases or decreases, the properties of the
Kapton® film are less affected than polyester.
• Kapton® film does not soften at elevated temperatures, thus the film provides an
excellent release surface at elevated temperatures.
Technical Data
June, 1995
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
ASTM Test Method
Adhesion to Steel:
22 oz./in. width (24 N/100 mm)
D-3330
Tensile Strength at Break:
33 lbs./in. width (578 N/100 mm)
D-3759
Elongation at Break:
62%
D-3759
Backing Thickness:
1 mil (.03 mm)
D-3652
Total Tape Thickness:
2.7 mils (.07 mm)
D-3652
Temperature Use Range:
-100°F to +500°F (-73°C to 260°C)
Construction
Backing
Adhesive
Liner
Color
Standard Roll Length
Kapton® Polyimide
Silicone
None
Amber
36 yds. (33 m)
Film


Similar Part No. - 5413

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5413 POMONA-5413 Datasheet
25Kb / 1P
14 Pin SOIC Clip Test Clip
logo
Heyco.
5413 HEYCO-5413 Datasheet
380Kb / 2P
Full Thickness Male Blades
logo
Christian Bürkert GmbH ...
5413 BURKERT-5413 Datasheet
1Mb / 14P
4/2 way solenoid valve for pneumatic applica-tions
15.02.2022
logo
Alpha Wire
5413 ALPHAWIRE-5413 Datasheet
409Kb / 4P
20 (10/30) AWG Tinned Copper
logo
Belden Inc.
5413 BELDEN-5413 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
More results

Similar Description - 5413

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MAL-C065R UOT-MAL-C065R Datasheet
42Kb / 2P
Striped type light source designed for a variety of applications
logo
M.S. Kennedy Corporatio...
MSK4805 MSK-MSK4805_15 Datasheet
843Kb / 8P
Designed for High Temperature Applications
logo
Littelfuse
USP7537 LITTELFUSE-USP7537 Datasheet
547Kb / 1P
Littelfuse offers Polyimide probe assemblies suitable for a wide range of temperature sensing applications
USP12837 LITTELFUSE-USP12837 Datasheet
557Kb / 1P
Littelfuse offers Polyimide probe assemblies suitable for a wide range of temperature sensing applications
USP14439 LITTELFUSE-USP14439 Datasheet
551Kb / 1P
Littelfuse offers Polyimide probe assemblies suitable for a wide range of temperature sensing applications
USW2883 LITTELFUSE-USW2883 Datasheet
152Kb / 1P
Littelfuse offers Polyimide probe assemblies suitable for a wide range of temperature sensing applications
logo
Pentair plc. All rights...
WP-BB PENTAIR-WP-BB Datasheet
211Kb / 2P
DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
WPX-BB PENTAIR-WPX-BB Datasheet
206Kb / 2P
DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
logo
3M Electronics
1218 3M-1218 Datasheet
536Kb / 2P
Polyimide Film Electrical Tape 1218 with Acrylic Adhesive
logo
Bertech.
PPF BERTECH-PPF Datasheet
109Kb / 1P
1 Mil High Temperature Polyimide Film
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com