Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5413 Datasheet(PDF) 2 Page - 3M Electronics

Part # 5413
Description  A tape consisting of a Kapton® polyimide film and silicone adhesive designed for high temperature applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5413 Datasheet(HTML) 2 Page - 3M Electronics

  5413 Datasheet HTML 1Page - 3M Electronics 5413 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
Industrial Tape and Specialties Division
3M Center, Building 220-7E-01
St. Paul, MN 55144-1000
Kapton is a registered trademark of
E.I. DuPont de Nemours Co.
Printed in U.S.A.
©3M 1994
70-0703-2532-2
Recycled Paper
40% pre-consumer
10% post-consumer
Application Ideas
• Mask for protection of gold fingers of printed circuit boards during wave solder or
solder dip process.
• Release surface in fabrication of parts cured at elevated temperatures
Features
• Thin Kapton® polyimide
film
• Silicone adhesive
• High adhesive to film
bond
Advantages
• Dimensionally stable at
high temperatures
• Flame retardant, chemical
and radiation resistant
• High temperature
performance reduces
adhesive transfer
• Reduces adhesive transfer
Benefits
• No rework - high
productivity
• Protects surfaces, helping
reduce replacement costs
• No cleaning required -
helps increase productivity
• No cleaning required -
helps increase productivity
Polyimide Film Tape
5413
To request additional product information or to arrange for sales assistance, call toll free 1-800-227-5085.
Address correspondence to:
3M Industrial Tape and Specialties Division, 3M Center, Building 220-8E-04,
St. Paul, MN 55144-1000. Our fax number is 612-733-9175. In Canada, phone: 1-519-451-2500.
In Puerto Rico, phone: 1-809-750-3000. In Mexico, phone: 5-728-0400.
For Additional
Information
3M MAKES NO WARRANTIES, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY
IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. User is
responsible for determining whether the
3M product is fit for a particular purpose and suitable for user’s
method of application. Please remember that many factors can affect the use and performance of a
3M
ITSD product in a particular application. The materials to be bonded with the product, the surface
preparation of those materials, the product selected for use, the conditions in which the product is used,
and the time and environmental conditions in which the product is expected to perform are among the
many factors that can affect the use and performance of a
3M ITSD product. Given the variety of factors
that can affect the use and performance of a
3M ITSD product, some of which are uniquely within the
user’s knowledge and control, it is essential that the user evaluate the
3M ITSD product to determine
whether it is fit for a particular purpose and suitable for the user’s method of application.
Important Notice
If the
3M product is proved to be defective, THE EXCLUSIVE REMEDY, AT 3M’S OPTION, SHALL BE
TO REFUND THE PURCHASE PRICE OF OR TO REPAIR OR REPLACE THE DEFECTIVE
3M
PRODUCT.
3M shall not otherwise be liable for loss or damages, whether direct, indirect, special,
incidental, or consequential, regardless of the legal theory asserted, including negligence, warranty, or
strict liability.
Limitation of Remedies
and Liability
This Industrial Tape and Specialties Division product was manufactured under a
3M quality system
registered to ISO 9002 standards.
ISO 9002



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com