Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DU5 Datasheet(PDF) 1 Page - Altech corporation

Part # 3DU5
Description  D-TRIP CHARACTERISTICS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

3DU5 Datasheet(HTML) 1 Page - Altech corporation

  3DU5 Datasheet HTML 1Page - Altech corporation 3DU5 Datasheet HTML 2Page - Altech corporation 3DU5 Datasheet HTML 3Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
12
ONE POLE
D-TRIP
CHARACTERISTICS
ONE POLE PLUS NEUTRAL
Rated
Type/
Current
Cat. No.
Approvals
0.3A
1DU03
0.5A
1DU05
0.75A
1DU075
0.8A❶
NA
1.0A
1DU1
1.6A
1DU1.6
2.0A
1DU2
2.5A
1DU2.5
3.0A
1DU3
3.5A
1DU3.5
4.0A
1DU4
5.0A
1DU5
6.0A
1DU6
8.0A
1DU8
10A
1DU10
12A❶
NA
12.5A
NA
13A
1DU13
15A❶
1DU15
16A
1DU16
20A
1DU20
25A
1DU25
30A❶
1DU30
32A
1DU32
*
40A
1DU40
*
50A
1DU50
*
60A❶
1DU60
63A
1DU63
*
Type/
Cat. No.
Approvals
2DNU03
2DNU05
2DNU075
NA
2DNU1
2DNU1.6
2DNU2
2DNU2.5
2DNU3
2DNU3.5
2DNU4
2DNU5
2DNU6
2DNU8
2DNU10
NA
NA
2DNU13
2DNU15
2DNU16
2DNU20
2DNU25
2DNU30
2DNU32
*
2DNU40
*
2DNU50
*
2DNU60
2DNU63
*
Application Examples:
High inrush motors, transformers,
power supplies, heaters and reactive
loads. Relatively long thermal trip
delay and very high magnetic trip
point.
Prototype testing is recommended in
motor applications where the relatively
long thermal trip delay may not
provide adequate motor overload
protection. Motor-integral overload
protectors are recommended, with the
V-EA-D providing disconnect, backup
thermal protection and additional short
circuit
and
energy
let-through
protection.
Type Designation
2
DNU
60
—————
(a)
(b)
(c)
(d)
(e)
(a) = Number of Poles
(b) = Trip Characteristic
(c) = Blank: without neutral pole
= N:
with neutral pole
(d) = U:
UL/CSA version
= R:
ring tongue terminals,
UL/CSA version
= Blank: European version
(e) = Rated Current
Voltage Rating❸
Interrupting Capacity
(UL/CSA - Ratings)
Group Short Circuit
(UL/CSA - Ratings)
Interrupting Capacity (VDE - Ratings)
Mechanical Endurance
Calibration Temperature
Standard Pack and Weight
Terminal Size Acceptability
Terminal Torque
1D
2DN
277VAC
0.3-60A (RC): 10kA with UL-listed
RK5 back-up fuse or MCCB
0.3-10A (RC): 10kA; 13-60A (RC): 5kA
no branch circuit protection required
0.3-63A (RC): 10kA
10000 ON/OFF operations❷
40°C (104°F)
10/0.3A - 32A = 1.4kg (3.1 lb.)
40A - 63A = 1.6kg (3.5 lb.)
Top: 18-3 AWG; Bottom: 18-2 AWG
20 lb.in.
277VAC
0.3-60A (RC): 10kA with UL-listed
RK5 back-up fuse or MCCB
0.3-10A (RC): 10kA; 13-60A (RC): 5kA
no branch circuit protection required
0.3-63A (RC): 10kA
10000 ON/OFF operations❷
40°C (104°F)
5/0.3A - 32A = 1.3kg (2.9 lb.)
40A - 63A = 1.45kg (3.2 lb.)
Top: 18-3 AWG; Bottom: 18-2 AWG
20 lb.in.
Basic Dimensions (Elevation View)
❶ Not European standard rating.
❷ Please refer to page 21 for specific
applications.
❸ DC rating (Manufacturer’s self certification):
One pole 48VDC, two pole series 125VDC
* VDE pending
91.5 mm
(3.60 in.)
35 mm (1.38 in.)
91.5 mm
(3.60 in.)
17.5 mm (0.69 in.)
UL508 Listed
Approvals:
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL


Similar Part No. - 3DU5

ManufacturerPart #DatasheetDescription
logo
Altech corporation
3DU50L ALTECH-3DU50L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
3DU50R ALTECH-3DU50R Datasheet
143Kb / 2P
R-Series - UL1077 Supplementary Protector
logo
List of Unclassifed Man...
3DU5C ETC2-3DU5C Datasheet
70Kb / 1P
3DU5C Metal Encapsulated Silicon Phototransistor
logo
Altech corporation
3DU5L ALTECH-3DU5L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
3DU5R ALTECH-3DU5R Datasheet
143Kb / 2P
R-Series - UL1077 Supplementary Protector
More results

Similar Description - 3DU5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADM212 ETC2-ADM212 Datasheet
118Kb / 1P
Thermocouple Trip Transmitter
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403 Datasheet
594Kb / 75P
Electronic Trip Unit
logo
STMicroelectronics
ACST1635-8FP STMICROELECTRONICS-ACST1635-8FP Datasheet
138Kb / 13P
Characteristics
12-Sep-2012
logo
ETAL Group
ESX10-TD ETAL-ESX10-TD Datasheet
2Mb / 14P
Selective load protection, electronic trip characteristics
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
Selective load protection, electronic trip characteristics
ESX10 ETAL-ESX10 Datasheet
1Mb / 8P
Selective load protection, electronic trip characteristics
logo
New Jersey Semi-Conduct...
OA126 NJSEMI-OA126 Datasheet
108Kb / 2P
Characteristics
logo
Cynergy3 Co
SC2002ALM-HL CYNERGY3-SC2002ALM-HL Datasheet
78Kb / 1P
Dual Trip Amplifier
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1R PF-S1SD-1AI-1R Datasheet
1Mb / 10P
Trip amplifier
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403_V01 Datasheet
252Kb / 2P
Electronic Trip Unit
6/06 - rev 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com