Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DU5 Datasheet(PDF) 2 Page - Altech corporation

Part # 3DU5
Description  D-TRIP CHARACTERISTICS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

3DU5 Datasheet(HTML) 2 Page - Altech corporation

  3DU5 Datasheet HTML 1Page - Altech corporation 3DU5 Datasheet HTML 2Page - Altech corporation 3DU5 Datasheet HTML 3Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
13
TWO POLE
THREE POLE
Rated
Type/
Current
Cat. No.
Approvals
0.3A
2DU03
0.5A
2DU05
0.75A
2DU075
0.8A❶
NA
1.0A
2DU1
1.6A
2DU1.6
2.0A
2DU2
2.5A
2DU2.5
3.0A
2DU3
3.5A
2DU3.5
4.0A
2DU4
5.0A
2DU5
6.0A
2DU6
8.0A
2DU8
10A
2DU10
12A❶
NA
12.5A
NA
13A
2DU13
15A❶
2DU15
16A
2DU16
20A
2DU20
25A
2DU25
30A❶
2DU30
32A
2DU32
*
40A
2DU40
*
50A
2DU50
*
60A❶
2DU60
63A
2DU63
*
Type/
Cat. No.
Approvals
3DU03
3DU05
3DU075
NA
3DU1
3DU1.6
3DU2
3DU2.5
3DU3
3DU3.5
3DU4
3DU5
3DU6
3DU8
3DU10
NA
NA
3DU13
3DU15
3DU16
3DU20
3DU25
3DU30
3DU32
*
3DU40
*
3DU50
*
3DU60
3DU63
*
“D” Magnetic Trip Parameters
Rated current 0.3A to 63A.
1. Hold for a minimum of 100ms at
surge of 10 times rated current.
2. Trip in under 100ms at 16 times
rated current.
NB: Trip curves shown comply with North
American standards. For trip curves
according to European standards please
consult Altech.
2D
3D
480Y/277VAC
0.3-60A (RC): 10kA with UL-listed
RK5 back-up fuse or MCCB
0.3-10A (RC): 10kA; 13-60A (RC): 5kA
no branch circuit protection required
0.3-63A (RC): 10kA
10000 ON/OFF operations❷
40°C (104°F)
5/1.4kg (3.1 lb.)
Top: 18-3 AWG; Bottom: 18-2 AWG
20 lb.in.
480Y/277VAC
0.3-60A (RC): 10kA with UL-listed
RK5 back-up fuse or MCCB
0.3-10A (RC): 10kA; 13-60A (RC): 5kA
no branch circuit protection required
0.3-63A (RC): 10kA
10000 ON/OFF operations❷
40°C (104°F)
4/1.68kg (3.7 lb.)
Top: 18-3 AWG; Bottom: 18-2 AWG
20 lb.in.
Basic Dimensions (side view)
35 mm
(1.38 in.)
70mm (2.76 in.)
V-EA-D Trip
0.3A Through 10A Rated Current
1.13-1.45xI
N
12
3 4 5 6 8 10
20
40
100
Multiple of Rated Current
Thermal Overload
“Must Trip” < 1 hr = 145% RC
“Must Not Trip” > 1 hr = 113% RC
10-3
4x10-3
10-2
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
16
10-3
4x10-3
10-2
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
V-EA-D Trip
13A Through 63A Rated Current
12
3 4 5
16
68 10
20
40
100
Multiple of Rated Current
Thermal Overload
“Must Trip” < 1 hr = 145% RC
“Must Not Trip” > 1 hr = 113% RC
1.13-1.45xI
N
91.5 mm
(3.60 in.)
35 mm (1.38 in.)
91.5 mm
(3.60 in.)
52.5 mm (2.07 in.)
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com