Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4403EPA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4403EPA
Description  1.5A High-Speed, Floating Load Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4403EPA Datasheet(HTML) 5 Page - Microchip Technology

  TC4403EPA Datasheet HTML 1Page - Microchip Technology TC4403EPA Datasheet HTML 2Page - Microchip Technology TC4403EPA Datasheet HTML 3Page - Microchip Technology TC4403EPA Datasheet HTML 4Page - Microchip Technology TC4403EPA Datasheet HTML 5Page - Microchip Technology TC4403EPA Datasheet HTML 6Page - Microchip Technology TC4403EPA Datasheet HTML 7Page - Microchip Technology TC4403EPA Datasheet HTML 8Page - Microchip Technology TC4403EPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2002-2012 Microchip Technology Inc.
DS21417C-page 5
TC4403
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(8-Pin PDIP,
CERDIP)
Symbol
Description
1
NC
No connection.
2IN (VDD)
Control input VDD, TTL/CMOS compatible logic input signal, controls OUT (VDD).
3
GND
Ground.
4
IN (GND)
Control Input GND, TTL/CMOS compatible logic input signal, controls OUT (GND).
5
OUT (GND)
Output GND, CMOS Pull Down Output.
6VDD
Supply Input, 4.5V to 18V.
7OUT (VDD)
Output VDD, CMOS pull-up output.
8
NC
No connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com