Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4403EPA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC4403EPA
Description  1.5A High-Speed, Floating Load Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4403EPA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC4403EPA Datasheet HTML 2Page - Microchip Technology TC4403EPA Datasheet HTML 3Page - Microchip Technology TC4403EPA Datasheet HTML 4Page - Microchip Technology TC4403EPA Datasheet HTML 5Page - Microchip Technology TC4403EPA Datasheet HTML 6Page - Microchip Technology TC4403EPA Datasheet HTML 7Page - Microchip Technology TC4403EPA Datasheet HTML 8Page - Microchip Technology TC4403EPA Datasheet HTML 9Page - Microchip Technology TC4403EPA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC4403
DS21417C-page 6
 2002-2012 Microchip Technology Inc.
3.0
APPLICATIONS INFORMATION
FIGURE 3-1:
SWITCHING TIME TEST CIRCUITS
Input VDD
Input GND
0.1
μF
MLC
1
μF
WIMA
MKS-2
10k
Ω
TC4403
0.1
μF
MLC
10K
Ω
TC4403
+5V
10%
90%
10%
16V
0V
10%
90%
10%
0V
1
μF
WIMA
MKS-2
Input VDD
VDD = 16V
Input
Output
tD1
tF
CL = 1800pF
Output
tR
+5V
16V
0V
0V
Input
Output
tD1
CL = 1800pF
Output
VDD = 16V
Input GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com