Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4404 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC4404
Description  1.5A Dual Open-Drain MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4404 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC4404_13 Datasheet HTML 4Page - Microchip Technology TC4404_13 Datasheet HTML 5Page - Microchip Technology TC4404_13 Datasheet HTML 6Page - Microchip Technology TC4404_13 Datasheet HTML 7Page - Microchip Technology TC4404_13 Datasheet HTML 8Page - Microchip Technology TC4404_13 Datasheet HTML 9Page - Microchip Technology TC4404_13 Datasheet HTML 10Page - Microchip Technology TC4404_13 Datasheet HTML 11Page - Microchip Technology TC4404_13 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC4404/TC4405
DS21418D-page 8
 2002-2012 Microchip Technology Inc.
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Fall Time vs. Supply Voltage
Rise Time vs. Supply Voltage
46
8
10
12
14
16
18
100 pF
470 pF
2200 pF
1500 pF
100
80
60
40
20
0
1000 pF
46
8
10
12
14
16
18
100 pF
470 pF
1000 pF
2200 pF
1500 pF
100
80
60
40
20
0
Rise TIme vs. Capacitive Load
100
1000
10,000
CLOAD (pF)
10V
15V
100
80
60
40
20
0
VDD (V)
VDD (V)
TA = +25°C
TA = +25°C
TA = +25°C
VDD = 5V
Rise and Fall Times
vs. Temperature
Propagation Delay
vs. Supply Voltage
Fall Time vs. Capacitive Load
60
50
40
30
20
10
46
8
10
12
14
16
18
VDD (V)
TEMPERATURE (°C)
60
50
40
30
20
10
-55 -35
5
25 45 65 85 105 125
-15
100
1000
10,000
100
80
60
40
20
0
CLOAD (pF)
10V
15V
tD1
TA = +25°C
tD2
VDD = 5V
CLOAD = 1000 pF
VDD = 17.5V
CLOAD = 1000 pF
TA = +25°C
tFALL
tRISE
Quiescent Supply Current
vs. Voltage
TEMPERATURE (°C)
4
18
6
8
10
12
14
16
VDRIVE (V)
60
50
40
30
20
10
10
Effect of Input Amplitude
on Delay Time
Propagation Delay Time
vs. Temperature
-55 -35 -15
5
25 45 65 85 105 125
BOTH INPUTS = 1
BOTH INPUTS = 0
02468
10
VDD (V)
1
0.1
tD1
TA = +25°C
tD2
CLOAD = 1000pF
VDD = 10V
TA = +25°C
VDD = 17.5V
VLOAD = 1000pF
tD1
tD2
60
50
40
30
20
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com