Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4404 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC4404
Description  1.5A Dual Open-Drain MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4404 Datasheet(HTML) 2 Page - Microchip Technology

  TC4404_13 Datasheet HTML 1Page - Microchip Technology TC4404_13 Datasheet HTML 2Page - Microchip Technology TC4404_13 Datasheet HTML 3Page - Microchip Technology TC4404_13 Datasheet HTML 4Page - Microchip Technology TC4404_13 Datasheet HTML 5Page - Microchip Technology TC4404_13 Datasheet HTML 6Page - Microchip Technology TC4404_13 Datasheet HTML 7Page - Microchip Technology TC4404_13 Datasheet HTML 8Page - Microchip Technology TC4404_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TC4404/TC4405
DS21418D-page 2
 2002-2012 Microchip Technology Inc.
Because neither drain in an output is dependent on the
other, these devices can also be used as open-drain
buffer/drivers where both drains are available in one
device, thus minimizing chip count. Unused open
drains should be returned to the supply rail that their
device sources are connected to (pull-downs to
ground, pull-ups to VDD), to prevent static damage. In
addition, in situations where timing resistors or other
means of limiting crossover currents are used, like
drains may be paralleled for greater current carrying
capacity.
These devices are built to operate in the most demand-
ing electrical environments. They will not latch-up
under any conditions within their power and voltage
ratings; they are not subject to damage when up to 5V
of noise spiking of either polarity occurs on their ground
pin; and they can accept, without damage or logic
upset, up to 1/2 amp of reverse current (of either
polarity) being forced back into their outputs. All
terminals are fully protected against up to 2 kV of
electrostatic discharge.
Functional Block Diagram
Input
GND
Effective
Input
C ≤ 12 pF
300 mV
VDD
Pull-Up
Pull-Down
2 (3)
A (B)
8 (6)
7 (5)
4
1
TC4404
Inverting
TC4405
Noninverting
4.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com