Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5516ABC-3 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5516ABC-3
Description  16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5516ABC-3 Datasheet(HTML) 4 Page - Analog Devices

  AD5516ABC-3 Datasheet HTML 1Page - Analog Devices AD5516ABC-3 Datasheet HTML 2Page - Analog Devices AD5516ABC-3 Datasheet HTML 3Page - Analog Devices AD5516ABC-3 Datasheet HTML 4Page - Analog Devices AD5516ABC-3 Datasheet HTML 5Page - Analog Devices AD5516ABC-3 Datasheet HTML 6Page - Analog Devices AD5516ABC-3 Datasheet HTML 7Page - Analog Devices AD5516ABC-3 Datasheet HTML 8Page - Analog Devices AD5516ABC-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
–4–
AD5516
TIMING DIAGRAMS
t12
SCLK
SYNC
DIN
BUSY
RESET
12
17
18
t3
t7
t4
t5
t2
t1
t6
t9 MODE2
t8 MODE1
BIT 17
BIT 0
LSB
MSB
Figure 1. Serial Interface Timing Diagram
SCLK
SYNC
DIN
DOUT
BUSY
BIT 17
BIT 0
BIT 17
BIT 0
INPUT WORD FOR DEVICE N+1
UNDEFINED
INPUT WORD FOR DEVICE N
INPUT WORD FOR DEVICE N
BIT 17
BIT 0
t7 MODE2
t3
t2
t1
t6
t10
t5
t4
t11
t8 MODE1
LSB
MSB
Figure 2. Daisy-Chaining Timing Diagram
TO OUTPUT
PIN
CL
50pF
200 A
IOH
200 A
IOL
1.6V
Figure 3. Load Circuit for DOUT Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com