Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5516ABC-3 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5516ABC-3
Description  16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5516ABC-3 Datasheet(HTML) 3 Page - Analog Devices

  AD5516ABC-3 Datasheet HTML 1Page - Analog Devices AD5516ABC-3 Datasheet HTML 2Page - Analog Devices AD5516ABC-3 Datasheet HTML 3Page - Analog Devices AD5516ABC-3 Datasheet HTML 4Page - Analog Devices AD5516ABC-3 Datasheet HTML 5Page - Analog Devices AD5516ABC-3 Datasheet HTML 6Page - Analog Devices AD5516ABC-3 Datasheet HTML 7Page - Analog Devices AD5516ABC-3 Datasheet HTML 8Page - Analog Devices AD5516ABC-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. B
AD5516
–3–
AC CHARACTERISTICS
(VDD = +4.75 V to +13.2 V, VSS = –4.75 V to –13.2 V; AVCC = 4.75 V to 5.25 V; DVCC = 2.7 V to 5.25 V;
AGND = DGND = DACGND = 0 V; REF IN = 3 V. All outputs unloaded.
All specifications TMIN to TMAX, unless otherwise noted.)
Parameter
1, 2
A Version
3
Unit
Conditions/Comments
Output Voltage Settling Time (Mode 1)
4
100 pF, 5 k
W Load Full-Scale Change
AD5516–1
32
s max
AD5516–2
32
s max
AD5516–3
36
s max
Output Voltage Settling Time (Mode 2)
4
100 pF, 5 k
W Load, 127 Code Increment
AD5516–1
2.5
s max
AD5516–2
3.35
s max
AD5516–3
7
s max
Slew Rate
0.85
V/ s typ
Digital-to-Analog Glitch Impulse
1
nV-s typ
1 LSB Change around Major Carry
Digital Crosstalk
5
nV-s typ
Analog Crosstalk
AD5516–1
1
nV-s typ
AD5516–2
5
nV-s typ
AD5516–3
20
nV-s typ
Digital Feedthrough
1
nV-s typ
Output Noise Spectral Density @ 10 kHz
AD5516–1
150
nV/(Hz)
1/2 typ
AD5516–2
350
nV/(Hz)
1/2 typ
AD5516–3
700
nV/(Hz)
1/2 typ
NOTES
1See Terminology section.
2Guaranteed by design and characterization; not production tested.
3A version: Industrial temperature range –40
∞C to +85∞C.
4 Timed from the end of a write sequence and includes
BUSY low time.
Specifications subject to change without notice.
Limit at TMIN, TMAX
Parameter
1, 2, 3
(A Version)
Unit
Conditions/Comments
fUPDATE1
32
kHz max
DAC Update Rate (Mode 1)
fUPDATE2
750
kHz max
DAC Update Rate (Mode 2)
fCLKIN
20
MHz max
SCLK Frequency
t1
20
ns min
SCLK High Pulsewidth
t2
20
ns min
SCLK Low Pulsewidth
t3
15
ns min
SYNC Falling Edge to SCLK Falling Edge Setup Time
t4
5
ns min
DIN Setup Time
t5
5
ns min
DIN Hold Time
t6
0
ns min
SCLK Falling Edge to
SYNC Rising Edge
t7
10
ns min
Minimum
SYNC High Time (Standalone Mode)
t7MODE2
400
ns min
Minimum
SYNC High Time (Daisy-Chain Mode)
t8MODE1
10
ns min
BUSY Rising Edge to SYNC Falling Edge
t9MODE2
200
ns min
18th SCLK Falling Edge to
SYNC Falling Edge (Standalone Mode)
t10
10
ns min
SYNC Rising Edge to SCLK Rising Edge (Daisy-Chain Mode)
t11
4
20
ns max
SCLK Rising Edge to DOUT Valid (Daisy-Chain Mode)
t12
20
ns min
RESET Pulsewidth
NOTES
1See Timing Diagrams in Figures 1 and 2.
2Guaranteed by design and characterization; not production tested.
3All input signals are specified with tr = tf = 5 ns (10% to 90% of DV
CC) and timed from a voltage level of (V IL + VIH)/2.
4This is measured with the load circuit of Figure 3.
Specifications subject to change without notice.
TIMING CHARACTERISTICS
(VDD = +4.75 V to +13.2 V, VSS = – 4.75 V to –13.2 V; AVCC = 4.75 V to 5.25 V; DVCC = 2.7 V to 5.25 V;
AGND = DGND = DACGND = 0 V. All specifications TMIN to TMAX, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com